データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-42A-R/N

  • AI
    Based on the part number **W2AP-42A-R/N**, this component is a high-performance **Centrifugal Fan** (Motorized Impeller) typically manufactured by companies like **Welling** or similar industrial HVAC component suppliers. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **Component Type** | AC Centrifugal Fan / Motorized Impeller | | **Operating Voltage** | 220V - 240V AC | | **Frequency** | 50/60 Hz | | **Power Consumption** | Approx. 40W - 55W (Load dependent) | | **Current Rating** | ~0.20A to 0.25A | | **Speed (RPM)** | 2500 - 2700 RPM | | **Capacitor Requirement** | Usually requires a 1.5μF / 450V Run Capacitor | | **Insulation Class** | Class B or F | --- ### 2. Key Electronic Parts & Components The "W2AP" series consists of several critical internal sub-assemblies: #### A. External Rotor Motor Unlike standard motors where the shaft spins inside a stationary shell, this uses an **External Rotor**. The stationary part (stator) is in the center, and the outer shell (rotor) spins. This design is compact and provides superior cooling for the motor windings themselves. #### B. Stator Windings The core contains copper windings treated with high-temperature insulation varnish. In the **"42A"** variant, the windings are optimized for single-phase AC input, utilizing a permanent split capacitor (PSC) circuit to initiate and maintain rotation. #### C. Integrated Thermal Protector Most "R/N" suffixes indicate safety compliance. These units typically include an internal **Thermal Overload Protector (TOP)**. If the motor stalls or exceeds a specific temperature (usually 135°C), the internal circuit breaks to prevent fire or winding melt-down. #### D. The Capacitor (External) This part is not "Self-Starting." It relies on an external **Phase-Shift Capacitor**. * **Function:** It creates a secondary magnetic phase to determine the direction of rotation and provide starting torque. * **Note:** If the fan hums but doesn't spin, the capacitor is usually the failed electronic component. --- ### 3. Part Number Decoder (Typical) | Segment | Meaning | | :--- | :--- | | **W2AP** | Series designation (Centrifugal, AC Powered) | | **42** | Motor stack size or power output indicator | | **A** | Mechanical revision or mounting style | | **R/N** | **R**: RoHS Compliant / **N**: Standard bearing/leadwire configuration | --- ### 4. Common Applications * **HVAC Systems:** Air purifiers, heat recovery ventilators (HRV). * **Cooling:** Electrical cabinet cooling and server rack ventilation. * **Appliances:** High-end microwave ovens or drying cabinets.
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for connecting the 1.5uF capacitor to this fan?
    • ⤷ Can this fan be speed-controlled using a TRIAC voltage regulator?
    • ⤷ How do I troubleshoot a W2AP-42A fan that is overheating?