データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-51D-R

  • AI
    The **W2AP-51D-R** is a specific electronic component, typically categorized as a **DIP (Dual In-line Package) Switch**. These components are widely used on printed circuit boards (PCBs) to manually configure device settings, such as hardware addresses, operation modes, or communication protocols. --- ## Technical Specifications The following table outlines the typical electrical and mechanical characteristics of the W2AP-51D-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Piano-Style DIP Switch | | **Number of Positions** | 1 (Single Switch) | | **Actuator Style** | Side Actuated (Piano Type) | | **Mounting Type** | Through-Hole (THT) | | **Current Rating** | 25mA at 24VDC (Switching) / 100mA at 50VDC (Non-switching) | | **Contact Resistance** | 50mΩ Max (Initial) | | **Operating Temperature** | -20°C to +70°C | --- ## Key Features & Construction ### 1. Actuator Design (Piano Style) Unlike standard slide DIP switches that are manipulated from the top, the "Piano" style features a lever on the side. This is beneficial for: * **Edge Access:** Changing settings while the board is mounted in a chassis. * **Ease of Use:** Easier to toggle with a fingernail or small tool compared to flat sliders. ### 2. Contact Mechanism * **Gold-Plated Contacts:** Most "R" suffix versions (referring to RoHS compliance or specific plating) use gold plating to ensure high reliability and prevent oxidation over long periods. * **Bifurcated Contacts:** Provides a "wiping" action when moved, which cleans the contact surface of any microscopic dust. ### 3. Materials * **Base/Cover:** High-temperature UL94V-0 rated thermoplastic (usually PBT or PA6T) to withstand wave soldering. * **Sealing:** Often comes with a top tape seal or is designed to be "washable" to prevent flux contamination during the manufacturing process. --- ## Pin Configuration and Circuitry The W2AP-51D-R is a **SPST (Single Pole Single Throw)** switch. ```text INTERNAL DIAGRAM [ Pin 1 ] ---o \ (Switch) [ Pin 2 ] ---o ``` * **ON Position:** Closes the circuit between Pin 1 and Pin 2. * **OFF Position:** Opens the circuit (High Impedance). --- ## Common Applications * **Industrial Controllers:** Setting Modbus or CAN bus IDs. * **Garage Door Openers:** Hard-coding security frequencies. * **PC Peripherals:** Selecting master/slave modes or voltage configurations. * **Prototyping:** Used with pull-up/pull-down resistors to provide digital inputs to microcontrollers (like Arduino or ESP32).
    ✨ Follow-up Questions
    • ⤷What is the difference between a piano-style and a slide-style DIP switch?
    • ⤷ How do I calculate the pull-up resistor value for this switch?
    • ⤷ Is there an SMD version of the W2AP-51D-R for surface mounting?