データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-51D-R2

  • AI
    The **W2AP-51D-R2** is a high-performance industrial wireless access point module typically used in enterprise networking, IoT gateways, and industrial automation environments. It is often based on the **MediaTek MT7621/MT7615** chipset architecture, designed for reliable Dual-Band Wi-Fi connectivity. --- ### 1. Key Technical Specifications The following table highlights the primary electronic and RF characteristics of the W2AP-51D-R2: | Component / Feature | Specification | |:---|:---| | **Main Chipset** | MediaTek MT7621AT (CPU) + MT7615 (Wi-Fi) | | **Wi-Fi Standard** | IEEE 802.11a/b/g/n/ac (Wi-Fi 5) | | **Frequency Bands** | 2.4 GHz and 5 GHz (Dual Band) | | **MIMO Support** | 2x2 or 4x4 MIMO (configuration dependent) | | **Data Rate** | Up to 1733 Mbps (5GHz) + 800 Mbps (2.4GHz) | | **Interface** | Mini PCIe or M.2 (Internal connectivity) | | **Flash Memory** | 16MB - 32MB SPI Nor/NAND | | **RAM** | 128MB - 512MB DDR3 | --- ### 2. Core Electronic Components #### A. Central Processing Unit (CPU) The board is powered by the **MT7621AT**, which features a dual-core MIPS1004Kc processor. It manages the networking stack, hardware NAT, and Quality of Service (QoS) functions. #### B. RF Front-End (FEM) The module utilizes Power Amplifiers (PA) and Low Noise Amplifiers (LNA) to boost signal strength and sensitivity. - **PA:** Increases transmit power for longer range. - **LNA:** Improves the ability to "hear" weak signals from distant clients. #### C. Power Management Unit (PMU) Because it is an industrial-grade part, it features robust DC-DC converters to handle voltage fluctuations. It typically requires a **3.3V** or **5V** input through the interface pins. #### D. Antenna Connectors It usually features **IPEX/U.FL** connectors. These allow for external antennas to be attached via pigtail cables, which is essential for metal-enclosed industrial equipment. --- ### 3. Functional Architecture 1. **MAC/Baseband:** Handles the logic of the Wi-Fi protocol (CSMA/CA, encryption like WPA3). 2. **Transceiver:** Converts digital data into analog radio waves and vice versa. 3. **Ethernet Bridge:** Often integrates with RGMII interfaces to connect to Gigabit Ethernet ports on the host carrier board. --- ### 4. Application Areas * **Industrial IoT (IIoT):** Connecting sensors in factories. * **Smart City:** Outdoor wireless mesh networking. * **Transportation:** Providing Wi-Fi in buses or trains via a cellular gateway.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption requirements for the W2AP-51D-R2?
    • ⤷ Which firmware/OS (like OpenWrt) is compatible with this module?
    • ⤷ How do the IPEX connectors differ from SMA connectors in this application?