データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-51D-R2SLASHCE

  • AI
    The **W2AP-51D-R2/CE** is a specific model identifier for a high-performance **Wireless Access Point (WAP)**, typically associated with the Edgecore or IgniteNet Spark series (often used in enterprise or outdoor networking). Below is an analysis of its electronic components, specifications, and architecture. --- ### 1. Core Technical Specifications The electronic architecture is designed for dual-band concurrent operation. | Component | Specification | | :--- | :--- | | **Radio Bands** | 2.4 GHz and 5 GHz (802.11ac Wave 2) | | **MIMO Support** | 2x2 MU-MIMO | | **Aggregate Speed** | ~1.2 Gbps (300 Mbps on 2.4GHz + 867 Mbps on 5GHz) | | **Power Input** | 802.3af/at Power over Ethernet (PoE) or 12V DC | | **Ethernet Ports** | 1x 10/100/1000 Base-T (RJ-45) | | **Antenna Type** | Internal High-Gain Omni-directional | --- ### 2. Key Electronic Subsystems #### A. The Processor (SoC) The "brain" of the device is typically a **Qualcomm Atheros** or **MediaTek** SoC (System on Chip). This chip integrates the CPU with the network processing engine to handle data packet routing, encryption (WPA2/WPA3), and management tasks. #### B. Radio Frequency (RF) Front-End * **Power Amplifiers (PA):** These boost the outgoing signal to ensure maximum coverage. * **Low Noise Amplifiers (LNA):** These are critical for sensitivity, allowing the device to "hear" weak signals from distant mobile devices. * **Diplexers:** Electronic filters that allow the 2.4 GHz and 5 GHz signals to share the same antenna pathways without interference. #### C. Memory Configuration Internal memory is divided into two types: 1. **Flash Memory:** Stores the operating system (firmware). 2. **RAM (DDR3):** Used for active data buffering and maintaining the routing table/connected client list. #### D. Power Management (PoE Logic) The device includes a **PoE Controller IC**. This electronic part negotiates with the network switch to draw the correct voltage (48V nominal) and converts it down to the lower voltages (3.3V or 1.2V) required by the sensitive silicon components. --- ### 3. Physical Electronic Interface If you were to open the device (or look at the board layout), you would find: * **Shielding Cans:** Metal boxes over the RF components to prevent Electromagnetic Interference (EMI). * **Console Port:** Usually a hidden TTL header on the PCB for low-level debugging. * **Reset Circuitry:** A physical momentary switch tied to a GPIO pin on the SoC to trigger factory resets. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific power consumption in Watts for the W2AP-51D-R2/CE?
    • ⤷ Does this model support cloud-based management or local-only configuration?
    • ⤷ What is the maximum number of concurrent client devices this hardware can handle?