データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-535-R2

  • AI
    The **W2AP-535-R2** refers to the hardware revision of the **Aruba AP-535**, an enterprise-grade Wi-Fi 6 (802.11ax) Access Point. Below is a detailed breakdown of its internal electronic components and technical architecture. ### 1. Core Processing Unit (SoC) The heart of the device is a high-performance system-on-chip designed to handle heavy traffic and encryption. | Component | Description | | :--- | :--- | | **Processor** | Quad-core ARM Cortex A53 (typically 2.2GHz). | | **Architecture** | Optimized for 802.11ax OFDMA and MU-MIMO processing. | | **Hardware Offload** | Dedicated engines for IPsec encryption and DPI (Deep Packet Inspection). | ### 2. Wireless Radio Architecture The R2 revision features high-efficiency radios designed for high-density environments. * **5 GHz Radio:** 4x4 MIMO with peak data rates up to 2.4 Gbps. * **2.4 GHz Radio:** 4x4 MIMO with peak data rates up to 1.1 Gbps. * **IoT Radio:** Integrated **Bluetooth 5** and **Zigbee (802.15.4)** radio for asset tracking and smart building sensors. * **Advanced Cellular Filtering (ACF):** Built-in filters to minimize interference from 4G LTE/5G small cells. ### 3. Memory and Storage Reliability in enterprise hardware requires ECC (Error Correction Code) memory to prevent system crashes. | Type | Capacity | Purpose | | :--- | :--- | :--- | | **RAM** | 1GB - 2GB DDR4 | System operations and buffering high-speed traffic. | | **Flash** | 512MB - 1GB | Dual-image OS storage for fail-safe firmware updates. | ### 4. Power and Connectivity Interfaces The electronic board includes specialized power management integrated circuits (PMIC) to handle Power over Ethernet (PoE). * **Ethernet Ports:** * 1x 100/1000/2500/5000 Base-T (Smart Rate) RJ-45. * 1x 10/100/1000 Base-T RJ-45. * **PoE Support:** IEEE 802.3bt (Class 5) or 802.3at (Class 4). * **USB Port:** Type A connector for cellular modems or IoT dongles (max 5W output). * **Console:** Micro-USB console port for low-level diagnostic access. ### 5. Antenna Array The "Internal Antenna" version of the 535 uses a sophisticated PCB-mounted antenna system: 1. **Dual-polarized antennas:** Optimized for both horizontal and vertical signal propagation. 2. **Downtilt pattern:** Specifically tuned for ceiling-mount installations. --- ### Technical Summary Table | Feature | Specification | | :--- | :--- | | **Wi-Fi Generation** | Wi-Fi 6 (802.11ax) | | **MIMO Streams** | 8 Total (4x4:4 @ 5GHz + 4x4:4 @ 2.4GHz) | | **Max Power Consumption** | ~26.4W (Full PoE) | | **Hardware Revision** | R2 (Updated component sourcing for longevity) |
    ✨ Follow-up Questions
    • ⤷ What are the power requirements for the W2AP-535-R2 to support the USB port?
    • ⤷ How does the ACF (Advanced Cellular Filtering) improve Wi-Fi performance?
    • ⤷ What is the difference between the R2 revision and the original AP-535?