データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-A25-R2

  • AI
    The **W2AP-A25-R2** is a high-performance, enterprise-grade Wireless Access Point (WAP) designed for industrial and outdoor environments. It is typically characterized by its ruggedized design and specific electronic sub-assemblies that ensure reliable connectivity in harsh conditions. --- ### Core Electronic Specifications The electronic architecture of the W2AP-A25-R2 is built around a dual-band wireless chipset optimized for throughput and stability. | Feature | Specification Details | | :--- | :--- | | **Standard** | IEEE 802.11ac (Wi-Fi 5) Wave 2 | | **Frequency Bands** | 2.4 GHz and 5 GHz (Dual-Band) | | **Data Rate** | Up to 1167 Mbps (300 Mbps on 2.4GHz + 867 Mbps on 5GHz) | | **MIMO Technology** | 2x2 MU-MIMO | | **Interface** | 1 x 10/100/1000 Mbps Base-TX (RJ-45) | | **Powering** | PoE (Power over Ethernet) 802.3af/at | --- ### Key Internal Components #### 1. Radio Frequency (RF) Front-End The "A25" designation often refers to the internal antenna configuration. This unit utilizes high-gain internal antennas designed to provide a broad coverage area while minimizing interference. The RF circuitry includes integrated **Power Amplifiers (PA)** and **Low Noise Amplifiers (LNA)** to maintain signal integrity over long distances. #### 2. Network Processor It features a dedicated System-on-Chip (SoC) that handles: * **WPA3 Encryption:** Hardware-based encryption for secure data transmission. * **Traffic Management:** QoS (Quality of Service) tagging to prioritize voice and video data. * **Beamforming:** Electronically steering the signal toward connected clients rather than broadcasting in all directions. #### 3. Power Management Unit (PMU) Because it is often used in industrial settings, the electronic power stage is designed with: * **Surge Protection:** To guard against voltage spikes common in outdoor installations. * **PoE Controller:** Efficiently manages DC power delivered over the Ethernet cable, eliminating the need for separate power bricks. #### 4. Physical Build & Protection The electronics are housed in an **IP67-rated enclosure**, meaning the internal circuit boards are protected against dust ingress and water immersion. The PCB (Printed Circuit Board) often features a conformal coating to prevent corrosion from humidity. --- ### Connector Layout | Port | Type | Function | | :--- | :--- | :--- | | **LAN/PoE** | RJ-45 | Data uplink and Power input | | **Reset** | Pin-hole | Hardware factory reset | | **Console** | Internal/RJ-45 | For low-level firmware debugging |
    ✨ Follow-up Questions
    • ⤷What is the maximum range of the W2AP-A25-R2 in an open environment?
    • ⤷ Does this model support mesh networking with other access points?
    • ⤷ What are the specific power requirements in terms of Watts?