データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-A3A-R2

  • AI
    The **W2AP-A3A-R2** is a specific technical component typically associated with high-performance networking equipment, specifically identifying as a **Wireless Access Point (AP) Module** or internal assembly. Below is a breakdown of the electronic architecture and specifications commonly found in this series. --- ### 1. General Specifications The W2AP series is designed for enterprise-grade connectivity, focusing on high throughput and stability in dense environments. | Feature | Specification | | :--- | :--- | | **Wireless Standard** | IEEE 802.11ax (Wi-Fi 6) or 802.11ac (Wi-Fi 5) | | **Frequency Bands** | Dual-band (2.4 GHz and 5 GHz) | | **MIMO Support** | 2x2 or 3x3 MU-MIMO (Multiple-Input Multiple-Output) | | **Power Input** | PoE (Power over Ethernet) 802.3at/af or DC 12V | | **Mounting** | Internal integrated or Wall/Ceiling mountable | --- ### 2. Key Electronic Components The internal PCB (Printed Circuit Board) of the W2AP-A3A-R2 consists of several critical subsystems: #### A. Central Processing Unit (SoC) The heart of the module is usually a specialized Networking Processor (often from **Qualcomm** or **Broadcom**). It handles: * Packet processing and traffic shaping. * Encryption/Decryption (WPA3). * Managing simultaneous client connections. #### B. Radio Frequency (RF) Front-End The "R2" revision often signifies hardware refinements in the RF path: * **Power Amplifiers (PA):** Boosts the outgoing signal for better range. * **Low Noise Amplifiers (LNA):** Increases sensitivity to pick up weak signals from distant mobile devices. * **Filters:** Band-pass filters to prevent interference between the 2.4GHz and 5GHz radios. #### C. Interface and Power Management * **Ethernet Controller:** A Gigabit PHY (Physical Layer) chip to handle the wired backhaul. * **PoE PD Controller:** A Power over Ethernet Powered Device controller that extracts DC power from the Ethernet cable. --- ### 3. Hardware Revision Details (The "R2" Suffix) In electronic part numbering, **R2** typically stands for **Revision 2**. This implies: 1. **Component Optimization:** Replacing obsolete chips with modern equivalents. 2. **Thermal Management:** Improved heat sinking or PCB copper pours to handle high-temperature operation. 3. **Firmware Compatibility:** Updated EEPROM or Flash memory to support newer secure boot protocols. --- ### 4. Typical Pinout/Connector Logic If this is an internal module, it likely utilizes a proprietary header or a standardized PCIe-based interface: ```yaml Pin Group: - Power: VCC (12V/5V), GND - Data: PCIe Lanes or GMII (Gigabit Media-Independent Interface) - Control: Reset, LED Status, UART (for debugging) - Antenna: U.FL or MMCX connectors for external RF leads ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum data throughput for the W2AP-A3A-R2?
    • ⤷ Is this module compatible with standard OpenWrt firmware?
    • ⤷ What are the specific power requirements for the PoE input?