データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-D15-R

  • AI
    The **W2AP-D15-R** is an electronic component primarily classified as a **DC-DC Converter module**. It is designed to convert a high direct current (DC) voltage into a lower, regulated DC voltage. These modules are widely used in industrial automation, telecommunications, and power distribution systems. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics of the W2AP-D15-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 18V - 36V DC (Standard 24V input) | | **Output Voltage** | ±15V DC (Dual Output) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000V DC - 3000V DC | | **Efficiency** | 75% - 82% | | **Package Type** | DIP (Dual In-line Package) or SIP | --- ### 2. Functional Electronic Sections The internal architecture of the W2AP-D15-R consists of several critical electronic stages: * **Input Filter:** Typically contains ceramic capacitors or an LC network to minimize reflected ripple current and protect the module from voltage spikes. * **Switching Controller:** Uses a Pulse Width Modulation (PWM) IC to drive an internal MOSFET, converting DC into high-frequency AC for the transformer. * **Isolation Transformer:** Provides galvanic isolation between the input and output circuits, ensuring safety and noise decoupling. * **Rectification & Smoothing:** Utilizes Schottky diodes and output capacitors to convert the AC back into a stable ±15V DC signal. * **Feedback Loop:** Monitors the output voltage to ensure it remains constant despite changes in the input voltage or load conditions. --- ### 3. Pin Configuration and Application The "D15" designation specifically points to **Dual Output 15V**, meaning the device provides a positive (+15V), a negative (-15V), and a Common (0V/GND) pin. #### Common Use Cases: 1. **Operational Amplifiers (Op-Amps):** Providing the necessary split-rail power (+/-) for precision analog signals. 2. **Sensors:** Powering industrial sensors that require dual polarity. 3. **Noise Isolation:** Preventing ground loops in sensitive measurement equipment. --- ### 4. Comparison with Single Output While a "S15" model would provide a single 15V rail, the **D15-R** is used when the circuit needs to swing both above and below the ground reference.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the W2AP-D15-R?
    • ⤷ How does the 'R' suffix affect the pinout or regulation features?
    • ⤷ Can this module be used with an input voltage lower than 18V?