データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-D15-R2

  • AI
    The **W2AP-D15-R2** is a specialized high-voltage power supply module, typically manufactured by companies like **Advanced Energy (formerly HiTek Power)**. It belongs to a series of DC-to-DC converters designed for precision applications. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 24V DC (Standard for the W series) | | **Output Voltage** | 0 to 15,000V (15kV) | | **Output Polarity** | Dual/Reversible (indicated by "D" or "R" designations) | | **Max Power Output** | Generally 2W or 30W depending on the specific sub-series | | **Mounting Type** | PCB Mount / Chassis Mount modules | --- ## 2. Key Electronic Components & Internal Architecture The device functions as a high-frequency switching power supply. Its internal circuitry consists of several critical stages: ### A. Input Filtering and Regulation * **Low-Pass Filters:** Used to minimize input ripple and protect the device from transients. * **PWM Controller:** A Pulse Width Modulation chip regulates the switching frequency to maintain a stable output regardless of load changes. ### B. Power Inversion Stage * **MOSFET/IGBT Switches:** High-speed transistors convert the DC input into a high-frequency AC signal. * **Resonant Tank:** Often utilizes a resonant topology to reduce switching losses (EMI/RFI reduction). ### C. High Voltage Transformation * **Step-up Transformer:** A custom-wound ferrite core transformer that boosts the low-voltage AC to several kilovolts. * **Cockcroft-Walton Multiplier:** A ladder of high-voltage capacitors and diodes that rectifies and further multiplies the AC voltage into the final 15kV DC output. --- ## 3. Control and Monitoring Interface The "R2" suffix often denotes a specific revision or a specific control interface (Remote/Analog). 1. **Voltage Programming:** Allows the user to set the output voltage via a 0-5V or 0-10V analog signal. 2. **Voltage/Current Monitor:** Provides low-voltage feedback signals for real-time telemetry. 3. **Protection Circuits:** * **Arc Protection:** Prevents damage if a high-voltage discharge occurs. * **Over-Current Protection (OCP):** Limits current to prevent overheating. * **Short Circuit Protection:** Safely shuts down the module if the output is grounded. --- ## 4. Common Applications Due to its high precision and stability, this module is found in: * **Mass Spectrometry:** For accelerating ions. * **Photomultiplier Tubes (PMT):** Providing bias voltage. * **Electron Beams:** Micro-positioning and scanning. * **Electrostatic Chucks:** Used in semiconductor manufacturing.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the W2AP-D15-R2 connector?
    • ⤷ How do I calibrate the analog monitor signals for this module?
    • ⤷ What are the specific thermal cooling requirements for the 15kV output model?