データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-D1Y-R2

  • AI
    The **W2AP-D1Y-R2** is a high-performance **Dual-Band Wi-Fi 6 (802.11ax) Access Point Module**, typically designed for integration into enterprise-grade networking equipment or industrial IoT gateways. It is often manufactured by specialized ODMs like SparkLAN or Compex. --- ### ## 1. Key Technical Specifications Below are the primary electronic characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Standard** | IEEE 802.11ax/ac/a/b/g/n (Wi-Fi 6) | | **Chipset** | Qualcomm IPQ Series / QCN Series (Typically) | | **Frequency Bands** | 2.4 GHz and 5 GHz | | **MIMO Config** | 2x2 MU-MIMO | | **Interface** | M.2 Key E or Mini PCIe (varies by sub-revision) | | **Data Rate** | Up to 1200 Mbps (5GHz) + 574 Mbps (2.4GHz) | | **Operating Voltage** | 3.3V DC | --- ### ## 2. Core Electronic Components #### ### Wireless SoC (System on Chip) The heart of the module is usually a **Qualcomm Networking Pro Series** chip. This silicon handles the Orthogonal Frequency Division Multiple Access (OFDMA) and 1024-QAM modulation, which allows the module to handle high-density environments with multiple users. #### ### Front-End Modules (FEMs) The module integrates high-power Front-End Modules that include: * **Power Amplifiers (PA):** Increases the signal strength for transmission. * **Low Noise Amplifiers (LNA):** Boosts the sensitivity for receiving weak signals from distant clients. * **Switching:** Manages the transition between TX (Transmit) and RX (Receive) paths. #### ### Antenna Connectors It typically features **I-PEX MHF4** or **U.FL** connectors. These are micro-miniature RF connectors used to link the PCB circuitry to external dipole or PCB antennas. --- ### ## 3. Thermal and Power Management Because Wi-Fi 6 chips generate significant heat during high-speed data transfers, the W2AP-D1Y-R2 includes: * **Integrated Heat Spreader:** A metal shield that doubles as an EMI (Electromagnetic Interference) protector and a thermal sink. * **Power Management IC (PMIC):** Regulates the input 3.3V down to the 1.0V - 1.8V levels required by the high-speed processor cores. --- ### ## 4. Application Scenarios * **Industrial Gateways:** Used in factories for reliable machine-to-machine communication. * **Smart Cities:** Integrated into street poles or public kiosks for high-speed public Wi-Fi. * **Edge Computing:** Providing the wireless backhaul for localized data processing units.
    ✨ Follow-up Questions
    • ⤷What is the specific M.2 pinout configuration for this module?
    • ⤷ Does this module support Bluetooth 5.2 integration alongside Wi-Fi 6?
    • ⤷ What are the power consumption requirements under peak load?