データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-G15-R2

  • AI
    The **W2AP-G15-R2** is a specific industrial-grade wireless access point, typically integrated into systems like railway communications, automation, or specialized industrial networks. Below is a breakdown of its electronic components, architecture, and specifications. ### 1. Core Component Specifications The device is designed for high-reliability environments. Its electronic architecture focuses on power stability and signal integrity. | Feature | Specification | | :--- | :--- | | **Processor (SoC)** | High-performance industrial MIPS or ARM-based network processor. | | **Wireless Protocol** | IEEE 802.11a/b/g/n/ac (depending on specific firmware/region). | | **Operating Voltage** | Typically 12V to 48V DC (Industrial wide-range input). | | **Ethernet Controller** | 10/100/1000 Mbps Base-T (RJ45 or M12 connectors). | | **Radio Chains** | 2x2 MIMO or 3x3 MIMO configurations for spatial diversity. | --- ### 2. Electronic Hardware Architecture The internal circuitry is divided into several functional blocks: #### A. RF (Radio Frequency) Front-End * **Power Amplifiers (PA):** Boosts the transmit signal to reach longer distances. * **Low Noise Amplifiers (LNA):** Increases sensitivity to weak incoming signals from client devices. * **RF Switches:** Manages the switching between transmit (TX) and receive (RX) modes. * **Antenna Ports:** Usually RP-SMA or N-Type connectors with lightning surge protection. #### B. Power Management Circuitry * **DC-DC Converters:** Converts the high-voltage industrial input (e.g., 24V) down to the logic levels required by the CPU (1.8V, 3.3V). * **PoE (Power over Ethernet) Module:** Includes a PD (Powered Device) controller and a transformer for isolation if the device is powered via the LAN cable. #### C. Memory & Storage * **Flash Memory (NOR/NAND):** Stores the embedded OS (often Linux-based) and configuration files. * **RAM (DDR3/DDR4):** Provides high-speed workspace for packet processing and routing tables. --- ### 3. Industrial Protection Features Because the "R2" designation often refers to a specific revision or ruggedized version, the electronics include: * **ESD Protection:** TVS diodes on all data lines (Ethernet/USB) to prevent damage from static or surges. * **Galvanic Isolation:** Isolation between the power input and the internal logic to prevent ground loops. * **Thermal Management:** Components are rated for an extended temperature range (typically -40°C to +75°C), utilizing high-grade capacitors (solid polymer) rather than standard electrolytic ones. --- ### 4. Connection Interface The electronic pinout for the physical ports generally follows these standards: ```markdown 1. LAN/WAN Port: Supports Auto-MDIX and PoE Input. 2. Console Port: Serial TTL or RS-232 for low-level debugging. 3. Reset Button: Connected to a GPIO pin for factory reset triggers. 4. LED Indicators: Status, WLAN activity, and Signal Strength. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the W2AP-G15-R2?
    • ⤷ Does this model support Power over Ethernet (PoE) standards like 802.3at?
    • ⤷ How do I access the serial console for hardware debugging?