データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-G25-R

  • AI
    The **W2AP-G25-R** is a high-performance, industrial-grade wireless access point module typically manufactured by companies like **SparkLAN**. It is designed for integration into embedded systems that require robust Wi-Fi connectivity. --- ### 1. Core Technical Specifications The following table summarizes the primary electronic and RF characteristics of the W2AP-G25-R: | Feature | Specification | | :--- | :--- | | **Chipset** | Qualcomm Atheros AR9344 (High-performance Wi-Fi SoC) | | **Standard** | IEEE 802.11a/b/g/n | | **Frequency Band** | 2.4 GHz and 5 GHz (Dual Band) | | **MIMO Support** | 2x2 MIMO (Multiple Input, Multiple Output) | | **Data Rate** | Up to 300 Mbps | | **Interface** | Mini PCIe (Peripheral Component Interconnect Express) | | **Antenna Connectors** | 2 x U.FL (I-PEX) connectors | --- ### 2. Key Electronic Components The architecture of this module revolves around a few critical electronic sub-systems: #### A. Main SoC (System on Chip) At the heart of the module is the **Qualcomm Atheros AR9344**. This chip integrates: * A 74K MIPS processor (typically running at 560MHz). * A dual-band radio. * Memory controllers (DDR1/DDR2). * Ethernet MAC interfaces. #### B. RF Front End The module includes dedicated **Power Amplifiers (PA)** and **Low Noise Amplifiers (LNA)**. These components are essential for: * **PA:** Increasing the transmission power to ensure long-range connectivity. * **LNA:** Enhancing the sensitivity to pick up weak signals from distant clients. #### C. Power Management The W2AP-G25-R operates on a standard **3.3V DC** supply via the Mini PCIe pins. It includes onboard voltage regulators to convert this input into the lower voltages required by the SoC core and memory. --- ### 3. Physical Interface and Form Factor The module utilizes the **Mini Card (Mini PCIe)** form factor, which is a standard in the industrial PC and networking equipment industry. * **Pinout:** The 52-pin connector handles data transmission, power supply, and control signals (like Reset and Wake). * **Thermal Management:** The module usually features a metallic shielding cover that acts as a heat spreader, protecting the internal components from EMI (Electromagnetic Interference) and assisting in thermal dissipation. --- ### 4. Application Areas Due to its robust electronic design, the W2AP-G25-R is commonly found in: 1. **Industrial Routers:** Providing wireless backhaul for manufacturing plants. 2. **Outdoor Wireless Bridges:** Long-distance point-to-point links. 3. **Digital Signage:** High-bandwidth video streaming for remote displays. 4. **Medical Equipment:** Reliable, interference-resistant wireless communication.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the W2AP-G25-R during peak transmission?
    • ⤷ Does this module support OpenWrt or other third-party firmware?
    • ⤷ What is the operating temperature range for this industrial-grade module?