データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CA-1CD-R/N

  • AI
    The **W2CA-1CD-R/N** is a specific industrial power supply unit, typically manufactured by **IDEC** or associated with high-reliability control systems. It is part of a series designed to provide stable DC power for electronic circuits, sensors, and PLCs. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the W2CA-1CD-R/N: | Feature | Specification | | :--- | :--- | | **Input Voltage** | AC 100-240V (Wide Range) | | **Output Voltage** | DC 24V (Regulated) | | **Output Current** | 1.3A (Typical) | | **Power Rating** | Approx. 30W | | **Mounting Type** | DIN Rail or Surface Mount | | **Cooling** | Natural Air Convection | --- ### 2. Electronic Component Breakdown The internal architecture of this unit consists of several critical stages: #### A. Input Protection & Filtering * **Fuse:** Protects the internal circuitry against overcurrent or short circuits on the AC line. * **MOV (Metal Oxide Varistor):** Provides surge protection against voltage spikes from the power grid. * **EMI Filter:** Includes inductors and capacitors to prevent electromagnetic interference from leaking back into the mains. #### B. Rectification and PFC * **Bridge Rectifier:** Converts the AC input into a high-voltage DC signal. * **Smoothing Capacitors:** Large electrolytic capacitors that stabilize the DC bus voltage before it enters the switching stage. #### C. Switching Stage (PWM) * **Switching MOSFET:** A high-speed transistor that "chops" the DC voltage into high-frequency pulses. * **PWM Controller IC:** The "brain" that adjusts the duty cycle of the MOSFET to ensure a constant 24V output regardless of load changes. #### D. Output Rectification & Feedback * **Schottky Diodes:** Used for high-speed rectification of the high-frequency AC coming from the transformer. * **Optocoupler:** Provides galvanic isolation between the output and input stages while sending voltage feedback to the PWM controller to maintain regulation. --- ### 3. Protection Features The unit is engineered with industrial-grade electronic safeguards: 1. **Overload Protection:** Automatically limits current or shuts down if the output exceeds 1.3A. 2. **Short Circuit Protection:** Prevents damage to internal components if the output wires are crossed. 3. **Overvoltage Protection:** Clamps the output to prevent damaging sensitive connected equipment (like PLCs) if the internal regulation fails. --- ### 4. Typical Applications * **PLC Powering:** Providing clean 24V DC to programmable logic controllers. * **Sensors:** Powering proximity switches, photoelectric eyes, and encoders. * **Relay Logic:** Driving the coils of industrial control relays.
    ✨ Follow-up Questions
    • ⤷ What are the specific environmental ratings for the W2CA-1CD-R/N?
    • ⤷ Does this model support parallel connection for higher current output?
    • ⤷ What are the common replacement alternatives for this power supply?