データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CA-521-R2SLASHN

  • AI
    The **W2CA-521-R2** is a specific part number associated with high-speed interface technology, typically found in **SFP+ (Small Form-factor Pluggable)** direct attach copper (DAC) cabling solutions. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is commonly an **SFP+ to SFP+ 10G Direct Attach Cable (DAC)**. These are used to connect switches, routers, and servers in data centers. | Attribute | Specification | | :--- | :--- | | **Data Rate** | Up to 10.3125 Gbps | | **Connector Type** | SFP+ to SFP+ | | **Cable Type** | Twinaxial (Copper) | | **Impedance** | 100 Ohms (Differential) | | **Operating Voltage** | 3.3V (Typical) | | **Temperature Range** | 0°C to 70°C (Commercial Grade) | --- ### 2. Internal Electronic Components Inside the connector housing (the "heads" of the cable), there are several key electronic sub-assemblies: * **EEPROM (I2C Interface):** * Contains the serial ID information. * Provides data to the host system regarding manufacturer, part number, and link length. * Accessible via the 2-wire serial interface (SDA/SCL lines). * **Signal Conditioning:** * **Passive:** If it is a passive DAC, there are no active amplifiers; the signal relies on the host's SerDes (Serializer/Deserializer) for pre-emphasis and equalization. * **Active:** If it is an active DAC, it contains a small IC (integrated circuit) to boost the signal and reduce jitter over longer distances. * **PCB (Printed Circuit Board):** * A miniature multi-layer PCB inside the plug that transitions the twinax copper wires to the gold-finger pads of the SFP+ interface. --- ### 3. Pinout Configuration The SFP+ interface utilizes a specific 20-pin layout. The most critical electronic pins are: | Pin Number | Name | Function | | :--- | :--- | :--- | | 12/13 | **RD- / RD+** | Receiver Differential Output | | 18/19 | **TD+ / TD-** | Transmitter Differential Input | | 15/16 | **VccR / VccT** | 3.3V Power Supply | | 4/5 | **SDA / SCL** | 2-wire Serial Interface (Management) | | 2, 3, 6, etc. | **Vee / GND** | Grounding | --- ### 4. Key Application Use Cases * **Top-of-Rack (ToR) Switching:** Connecting a server to a switch located in the same rack. * **Storage Area Networks (SAN):** High-speed data transfer between storage controllers. * **Network Interface Cards (NICs):** Providing 10G connectivity to high-performance workstations. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum supported length for the W2CA-521-R2 cable?
    • ⤷ Is this specific part number compatible with Cisco or Juniper hardware?
    • ⤷ Does this part use active or passive signal conditioning?