データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CA-522-R2SLASHN

  • AI
    The **W2CA-522-R2** (often associated with the Omron W2CA series) refers to a specific type of **Current Transformer (CT)** or an **AC Current Sensor** used primarily for industrial monitoring and motor protection. Below is a detailed breakdown of its electronic components, technical specifications, and functions. --- ## 1. Technical Specifications The "W2CA" series generally follows a standardized specification for low-voltage current sensing. | Parameter | Specification | | :--- | :--- | | **Component Type** | AC Current Transformer (Through-type) | | **Primary Current Range** | 2A to 50A (Typical for -522 variants) | | **Output Type** | Secondary current signal (to be processed by a relay/controller) | | **Frequency Range** | 50/60 Hz | | **Insulation Resistance** | 100 MΩ min. at 500 VDC | | **Mounting Type** | Surface mount or bracket mount | --- ## 2. Internal Electronic Construction Although these units are often encapsulated in resin for protection, the internal architecture consists of three main elements: ### A. Magnetic Core * **Material:** Usually high-permeability silicon steel or nickel-iron alloy. * **Function:** It concentrates the magnetic field generated by the primary wire passing through the center hole. ### B. Secondary Winding * **Material:** Fine enameled copper wire. * **Function:** This coil is wrapped around the core. According to Faraday’s Law, the magnetic flux induces a smaller, proportional current in this winding. ### C. Termination / Connectors * **Output Terminals:** These are the "R2" designated connection points. * **Burden Resistor (Optional):** Some variants include an internal resistor to convert the current signal into a voltage signal (e.g., 0-5V) for easier interfacing with PLCs or microcontrollers. --- ## 3. Function & Applications The W2CA-522-R2 acts as an isolation and step-down device. It is most commonly used in conjunction with **Omron K6EL** or **SET-3** series motor protection relays. * **Overload Protection:** Detecting if a motor is pulling more current than its rated capacity. * **Phase Failure Detection:** Identifying when one phase of a three-phase system goes down. * **Current Monitoring:** Providing real-time data to energy management systems. --- ## 4. Installation Diagram Logic ```mermaid graph LR A[High Current Cable] --> B((W2CA Sensor)) B --> C[Secondary Low Current Output] C --> D[Motor Protection Relay] D --> E[Control Circuit/Alarm] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact transformation ratio for the W2CA-522-R2 model?
    • ⤷ Can this sensor be used for DC current measurement?
    • ⤷ Which specific Omron relays are compatible with the W2CA-522 series?