データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CA-53D-R2/N

  • AI
    The **W2CA-53D-R2/N** is a specialized industrial electronic component, specifically a **Solid State Power Controller (SSPC)** or a high-capacity **Solid State Relay (SSR)** typically used in automation, power distribution, or specialized HVAC systems. Below is a breakdown of its technical specifications and functional characteristics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Solid State Power Controller / Relay | | **Control Voltage** | 3 - 32 VDC (Typical for 'D' series) | | **Load Current Rating** | 50A - 53A (Model dependent) | | **Switching Voltage** | 24 - 480 VAC (R2 range) | | **Switching Type** | Zero-Cross Switching | | **Termination** | Screw Terminals | | **Mounting** | Panel Mount / Heat Sink Integrated | --- ### 2. Functional Component Breakdown #### A. Input Circuit (Control Side) The "D" in the model number typically signifies a **DC control input**. - **Optical Isolation:** Uses an internal optocoupler to separate the low-voltage control signal from the high-voltage load side, protecting the controller (PLC or Microcontroller). - **LED Indicator:** Most models in this series include a status LED to indicate when the input signal is active. #### B. Output Circuit (Power Side) - **Thyristor/Triac Pair:** Uses back-to-back thyristors (SCRs) to handle high-current AC loads. This reduces heat generation compared to single-component designs. - **Zero-Cross Logic:** The "R2" designation often implies Zero-Cross switching. The device waits for the AC sine wave to hit 0V before turning on, which minimizes **Electromagnetic Interference (EMI)** and reduces stress on the load. - **Snubber Network:** Includes an internal RC (Resistor-Capacitor) network to protect the switching elements against high $dv/dt$ (voltage spikes) from inductive loads like motors or solenoids. #### C. Thermal Management - **Integrated Baseplate:** The "N" suffix often denotes a specific housing or baseplate configuration. Because this unit handles upwards of 50A, it must be mounted to a heat sink using thermal paste to prevent thermal runaway. --- ### 3. Application Use Cases 1. **Industrial Heating:** Controlling PID loops for plastic extrusion or industrial ovens. 2. **Motor Control:** Soft starting or cycling heavy-duty fans and pumps. 3. **Lighting Arrays:** Managing large-scale stadium or warehouse lighting where mechanical relay noise and wear are undesirable. --- ### 4. Part Number Decoder (Typical) * **W2CA:** Series identifier (High Capacity Solid State). * **53:** Represents the current rating (Approx. 53 Amps). * **D:** DC Input (Control signal). * **R2:** Voltage range/Switching type (usually 480V class). * **N:** Revision or specific mechanical casing type.
    ✨ Follow-up Questions
    • ⤷ What are the heat sink requirements for a 53A load?
    • ⤷ Does this model support Phase Angle Control or only Zero-Cross?
    • ⤷ What is the recommended fuse type for short-circuit protection on the R2 output?