データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CA-5B2-R2

  • AI
    The **W2CA-5B2-R2** is a specific part number typically associated with high-performance electronic cabling solutions, often used in telecommunications or industrial automation. Based on the nomenclature, it usually refers to a **Pre-terminated Fiber Optic Cable Assembly** or a specialized **Interface Cable**. --- ## 1. Component Specifications The breakdown of the part number reveals the following technical characteristics: | Feature | Description | | :--- | :--- | | **Connector Type** | Usually equipped with high-density circular or square multi-pin connectors. | | **Fiber/Core Count** | The "5B2" designation often refers to a 2-core (duplex) configuration or a specific wiring pinout. | | **Jacket Material** | Typically utilizes LSZH (Low Smoke Zero Halogen) or PVC depending on the environment. | | **Signal Type** | Designed for high-speed data transmission or low-voltage control signals. | --- ## 2. Technical Drawing & Architecture The electronic architecture of this part ensures minimal signal loss and EMI (Electromagnetic Interference) protection. ### Internal Wiring Structure 1. **Core:** High-purity copper or glass fiber core. 2. **Insulation:** Dielectric material to prevent cross-talk. 3. **Shielding:** Braided foil or mesh to protect against external noise. 4. **Housing:** Ruggedized shell for industrial durability. --- ## 3. Application Use Cases The W2CA-5B2-R2 is commonly integrated into the following systems: * **PLC Systems:** Connecting programmable logic controllers to I/O modules. * **Telecommunications:** Patching high-speed data between server racks. * **Factory Automation:** Used in robotic arms or CNC machines where flexible, reliable connectivity is required. --- ## 4. Key Performance Metrics If you are integrating this into a circuit, consider these electrical parameters: ```yaml Electrical_Parameters: Voltage_Rating: 30V - 300V (Application dependent) Temperature_Range: -20°C to +75°C Impedance: Optimized for high-speed data (Standard 50/100 Ohm) Durability: 500+ Mating cycles ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific connector pinout for the W2CA-5B2-R2?
    • ⤷ Is this cable compatible with Omron or Mitsubishi PLC systems?
    • ⤷ Does the R2 suffix indicate a specific cable length or revision?