データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CE-121-R2/Q

  • AI
    ## Technical Overview: W2CE-121-R2/Q The **W2CE-121-R2/Q** is a specialized electronic component typically associated with high-frequency RF (Radio Frequency) applications, specifically acting as a **directional coupler** or a **power divider/splitter** module. These parts are frequently used in telecommunications infrastructure and signal processing equipment. --- ### Key Specifications and Components | Attribute | Description | | :--- | :--- | | **Component Type** | RF Passive Component (Coupler/Splitter) | | **Operating Frequency** | Typically ranges from VHF to UHF (depending on specific sub-variants) | | **Impedance** | Standard 50 Ohms or 75 Ohms (model specific) | | **Package Type** | Surface Mount Device (SMD) or Plug-in Module | | **Primary Material** | Ferrite cores and copper windings (Transformer-based) | --- ### Internal Electronic Architecture The device functions through a combination of the following electronic principles: 1. **Magnetic Coupling:** Inside the housing, fine copper wires are wound around **ferrite toroids**. This allows for the transfer of energy from a primary line to a secondary line through electromagnetic induction without direct electrical contact for the coupled port. 2. **Impedance Matching:** The internal layout is designed to maintain a specific characteristic impedance. This prevents signal reflections (Return Loss) which could damage sensitive RF power amplifiers. 3. **Isolation Circuits:** The "R2/Q" designation often implies specific resistance values or isolation characteristics that prevent "back-feeding" signals from the output ports back into the input port. --- ### Pin Configuration and Functionality While physical layouts vary, a standard 121-series RF module generally follows this logic: * **Input Port (P1):** Receives the main RF signal. * **Output Port (P2):** The "Main" path where the majority of the power exits. * **Coupled Port (P3):** A "Sample" path that outputs a fraction of the input power (e.g., -10dB or -20dB) for monitoring. * **Ground (GND):** Multiple pins dedicated to shielding and reducing electromagnetic interference (EMI). --- ### Common Use Cases * **Signal Monitoring:** Tapping into a high-power line to measure signal quality without interrupting the main broadcast. * **Power Leveling:** Used in Feedback loops to adjust the gain of an amplifier automatically. * **Antenna Systems:** Distributing signals in Distributed Antenna Systems (DAS). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range for the R2/Q variant?
    • ⤷ How does the insertion loss of this part compare to standard resistive splitters?
    • ⤷ What are the soldering temperature requirements for the W2CE-121 series?