データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CE-12D-R2SLASHN

  • AI
    The part number **W2CE-12D-R2/N** (often referred to without the literal word "SLASH") typically refers to a specialized **Industrial Power Supply** or a **Power Distribution Module** used in automation and control systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Product Identification | Component Detail | Specification | | :--- | :--- | | **Product Type** | DC/DC Converter / Power Module | | **Series** | W2 Series | | **Mounting Type** | DIN Rail or Panel Mount | | **Input/Output Isolation** | High Isolation (standard for industrial use) | ### 2. Technical Specifications This component is designed to manage power within a control cabinet. Based on standard naming conventions for this series: * **Input Voltage:** Usually rated for **24V DC** (nominal), though it can handle a range depending on the specific sub-series. * **Output Voltage:** The **"12D"** in the part number signifies a **12V DC** output. The "D" typically denotes a dual-output configuration or a specific DC-to-DC conversion stage. * **Current Rating:** Varies by chassis size, but standard R2 series modules handle between **2A to 10A**. * **Efficiency:** Typically **>85%**, reducing heat dissipation within the enclosure. ### 3. Key Electronic Features * **Regulation:** High-precision linear or switching regulation to ensure sensitive sensors receive stable power. * **Protection Circuits:** * **Overload Protection:** Automatically limits current if the load exceeds capacity. * **Short Circuit Protection:** Shuts down or limits output to prevent fire or hardware damage. * **Reverse Polarity Protection:** Prevents damage if the input wires are swapped. * **Isolation:** Galvanic isolation between input and output to prevent ground loops and protect PLC (Programmable Logic Controller) inputs. ### 4. Terminal Configuration | Terminal | Function | Description | | :--- | :--- | :--- | | **+V / -V (In)** | Input Power | Connection for the primary DC source. | | **+V / -V (Out)** | Output Power | Cleaned/Regulated 12V DC for downstream devices. | | **FG** | Frame Ground | Connection to the system earth for EMI shielding. | --- ### 5. Application Example (Wiring) ```markdown [Power Source 24V] ----> [W2CE-12D-R2/N] ----> [Sensors/Actuators 12V] (Input) (Conversion/Reg) (Stable Load) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the R2 series?
    • ⤷ How does the /N suffix affect the grounding configuration?
    • ⤷ Can this module be used with AC input power?