データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CE-12Y-R/N

  • AI
    The **W2CE-12Y-R/N** is a specific model of an **Industrial Joystick Controller**, typically manufactured by companies like *SMC* or specialized electronic control firms. These devices are used for precision manual input in industrial machinery, medical equipment, or crane operations. --- ### 1. Key Technical Specifications The part number breaks down into several functional electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | 2-Axis Joystick | Controls X and Y movement vectors. | | **Voltage Rating** | 12V - 24V DC | Standard industrial operating voltage. | | **Output Signal** | Potentiometric / Contact | Varies voltage based on handle position. | | **Contact Type** | Silver Alloy | High conductivity for signal reliability. | | **Durability** | > 1 Million Cycles | Designed for high-frequency industrial use. | --- ### 2. Internal Electronic Components The "R/N" suffix often indicates specific wiring or resistance configurations. #### A. Potentiometers * **Function:** Translates mechanical movement into electrical resistance. * **Mechanism:** As the stick moves, a wiper slides across a resistive track, changing the output voltage (Analog signal). #### B. Microswitches (Center/Directional) * **Directional Switches:** Some models include digital microswitches that trigger only at full deflection (N, S, E, W). * **Dead Zone Logic:** Integrated circuitry ensures that small vibrations do not trigger a signal (preventing "ghost" inputs). #### C. Spring Return System * **Self-Centering:** Uses heavy-duty mechanical springs to return the electronic contacts to the "Zero" or "Null" position when released. --- ### 3. Pinout and Connection While specific pinouts vary by manufacturer, a standard W2CE series usually follows this electronic layout: ```yaml Pin 1: VCC (+) - Power Input (12V/24V) Pin 2: GND (-) - Common Ground Pin 3: X-Axis Output (Variable Voltage) Pin 4: Y-Axis Output (Variable Voltage) Pin 5: Center Tap / Common Switch (Optional) ``` --- ### 4. Applications * **Cranes & Hoists:** Precise positioning of heavy loads. * **CCTV Control:** PTZ (Pan, Tilt, Zoom) camera operations. * **Medical Beds:** Controlling height and orientation electronically. * **Robotic Arms:** Manual override and teaching modes. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'R' and 'N' suffixes in this part series?
    • ⤷ Can this joystick be interfaced with an Arduino or PLC?
    • ⤷ How do I troubleshoot a 'drift' issue in the analog output?