W2CE-13B-R
AI

Based on the technical specifications for the **W2CE-13B-R**, this model typically refers to a **dual-port RJ45 connector with integrated magnetics** (also known as a MagJack). These components are critical for Ethernet communication interfaces.
---
## 1. Component Overview
The W2CE-13B-R is an integrated connector module that combines a standard RJ45 physical port with the necessary internal circuitry to filter signals and provide electrical isolation.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RJ45 Integrated Magnetics Connector (MagJack) |
| **Port Configuration** | 2x1 (Dual Port) |
| **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Orientation** | Right Angle / Side Entry |
| **Mounting Type** | Through-Hole (THT) |
---
## 2. Key Internal Electronic Parts
The "Integrated" part of the connector means it contains several passive electronic components inside the plastic housing:
### A. Isolation Transformers
* **Purpose:** Provides galvanic isolation (usually up to 1500V AC) between the Ethernet cable and the PHY (Physical Layer) chip.
* **Function:** Protects the sensitive circuitry on the PCB from voltage spikes, static electricity, and ground loops.
### B. Common Mode Chokes
* **Purpose:** EMI (Electromagnetic Interference) suppression.
* **Function:** Blocks common-mode noise while allowing differential signals (the data) to pass through, ensuring compliance with FCC/CE emission standards.
### C. Bob Smith Termination
* **Purpose:** Impedance matching.
* **Function:** A network of resistors (usually 75Ω) and high-voltage capacitors that terminate unused wire pairs to reduce common-mode emissions and improve signal integrity.
### D. Integrated LEDs
* **Colors:** Usually Green/Yellow.
* **Circuitry:** Built-in series resistors are sometimes included, though most versions require external current-limiting resistors on the host PCB.
---
## 3. Physical & Electrical Pinout
The device typically features two sets of pins:
1. **Input Pins (PCB Side):** Connects to the Ethernet PHY/Controller.
2. **Output Pins (Cable Side):** Standard 8P8C (RJ45) pins that interface with the Cat5e/Cat6 cable.
3. **Shielding:** A metal outer shell (usually tin-plated copper or stainless steel) that is grounded to the chassis to prevent RF leakage.
---
## 4. Typical Applications
* Network Switches and Routers.
* Industrial PC Motherboards.
* Embedded Systems (IoT Gateways).
* Set-top Boxes.
- ⤷
What is the standard pinout for the W2CE-13B-R on a PCB layout?
- ⤷ Does this specific model support Power over Ethernet (PoE)?
- ⤷ What are the recommended soldering temperature profiles for this component?