データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CE-1AB-R

  • AI
    ## Analysis of the W2CE-1AB-R The **W2CE-1AB-R** is a high-performance, single-pole single-throw (SPST) **Solid State Relay (SSR)** manufactured by **IXYS Integrated Circuits Division** (a Littelfuse company). It is designed to replace electromechanical relays in high-speed, high-reliability switching applications. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the W2CE-1AB-R: | Parameter | Value | Description | |:---|:---|:---| | **Contact Form** | 1-Form-A (SPST-NO) | Normally Open configuration | | **Load Voltage** | 350V (Peak) | Maximum voltage across output terminals | | **Load Current** | 120mA (Continuous) | Maximum current the device can handle | | **Isolation Voltage** | 3750Vrms | Input-to-output dielectric strength | | **On-Resistance** | 35 $\Omega$ (Max) | Resistance when the switch is closed | | **Package Type** | 4-Pin SOP | Surface mount small outline package | --- ### 2. Functional Components The W2CE-1AB-R operates using **OptoMOS® technology**, which combines several internal electronic parts: 1. **Input LED:** An infrared Light Emitting Diode (LED). When current flows through the input, it emits light. 2. **Photovoltaic Die:** A sensor that converts the LED light into electrical voltage. 3. **MOSFET Output Switches:** Two high-voltage MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) that act as the physical switch for the load. --- ### 3. Advantages over Mechanical Relays * **Longevity:** No moving parts means no mechanical wear or contact pitting. * **Speed:** Much faster switching times (typically < 3ms) compared to electromagnetic coils. * **Silent Operation:** No audible "click" during switching. * **Low Power Logic Drive:** Can be driven directly from microcontrollers (requires only 2mA to 5mA to trigger). --- ### 4. Common Applications * **Telecommunications:** Hook switch and ringer circuits. * **Instrumentation:** Multiplexers and data acquisition. * **Industrial Controls:** Interfacing low-voltage logic to high-voltage actuators. * **Security Systems:** Sensor inputs and alarm outputs.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input current required to trigger this relay?
    • ⤷ How does the W2CE-1AB-R handle AC vs DC loads?
    • ⤷ What are the thermal considerations when running at 120mA?