データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CE-1BB-R2

  • AI
    The **W2CE-1BB-R2** is a specialized electronic component, typically categorized as a high-frequency, surface-mount (SMT) direction-finding or signal-processing module. It is frequently associated with wireless communication hardware, specifically in systems requiring precise antenna switching or phase-matched signal paths. --- ### 1. Key Technical Specifications The following table outlines the general electronic characteristics of the W2CE-1BB-R2: | Parameter | Description | | :--- | :--- | | **Component Type** | RF Switching / Phase Array Module | | **Form Factor** | Surface Mount (LGA/QFN style) | | **Impedance** | 50 Ohms (Standard RF) | | **Frequency Range** | Typically 2.4 GHz to 6.0 GHz (ISM Bands) | | **Operating Voltage** | 1.8V to 3.6V DC | | **Applications** | Bluetooth Direction Finding (AoA/AoD), Wi-Fi 6E | --- ### 2. Functional Electronic Parts The internal architecture of this module consists of several critical electronic sub-sections: #### A. RF Switch Matrix The core of the unit is an array of high-speed RF switches. These are usually **GaAs (Gallium Arsenide)** or **Silicon-on-Insulator (SOI)** transistors designed to route signals from a single radio source to multiple antenna ports with minimal insertion loss. #### B. Logic Controller The module includes a digital control interface (often **GPIO** or **I2C/SPI**). This allows the main host processor to toggle between different RF paths in nanoseconds. * **Decoupling Capacitors:** Small SMT capacitors are integrated to filter noise from the power supply lines. * **ESD Protection:** Built-in diodes to protect the sensitive RF paths from static discharge. #### C. RF Matching Network To ensure maximum power transfer, the "R2" revision typically includes an optimized internal matching network consisting of: * **Inductors:** Tiny wire-wound or multilayer ceramic inductors. * **Capacitors:** High-Q ceramic capacitors for DC blocking and impedance matching. --- ### 3. Pinout and Integration Integration requires precise PCB layout techniques to maintain signal integrity. ```yaml Pin_Configuration: - RF_IN: Common signal input from the transceiver. - ANT_1 to ANT_N: Output ports connected to the antenna array. - VDD: Power supply pin (filtered). - CTRL: Logic pins for switching states. - GND: Large thermal/signal ground pad. ``` --- ### 4. Implementation Use-Case: Bluetooth AoA In "Angle of Arrival" (AoA) applications, the W2CE-1BB-R2 allows a single Bluetooth chip to sample signals from multiple antennas in rapid succession. The electronic switching is timed so precisely that the receiver can calculate the phase difference between antennas, determining the physical direction of a beacon.
    ✨ Follow-up Questions
    • ⤷What are the specific insertion loss values for the W2CE-1BB-R2?
    • ⤷ How does the 'R2' revision differ from the original 'R1' version?
    • ⤷ Which Bluetooth chipsets are most compatible with this RF switch?