データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CE-1D3-R

  • AI
    The **W2CE-1D3-R** is a specific electronic component within the category of **Industrial Control Switches**, specifically a **Selector Switch** manufactured by **IDEC** (part of the TW series). It is designed for panel mounting in industrial automation and control systems. ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the W2CE-1D3-R: | Feature | Specification | | :--- | :--- | | **Series** | TW Series (Heavy Duty) | | **Mounting Hole Size** | 22mm (Standard Industrial) | | **Operation Type** | 3-Position Maintained | | **Contact Configuration** | 2NO (2 Normally Open contacts) | | **Switch Angle** | 90° (45° left/right from center) | | **Operator Shape** | Knob Operator | | **Voltage Rating** | Up to 600V AC/DC | | **Terminal Type** | M3.5 Screw Terminals | | **Environmental Rating** | IP65 / NEMA 4, 4X, 13 | --- ### 2. Electronic/Mechanical Components The unit is modular and consists of three main electronic parts: #### A. The Operator (Head) The "W2" designation refers to the 22mm TW series knob. It is constructed from high-grade plastics or chrome-plated zinc to resist chemicals and impacts in factory environments. #### B. The Contact Blocks (HW-G Series) The "1D3" suffix indicates the contact arrangement. * **2NO:** It contains two individual contact blocks. * **Maintained Action:** Unlike a momentary switch (spring return), this switch stays in the position to which it is turned. * **Rating:** These contacts are designed for high-power switching (typically 10A thermal current). #### C. The Locking Ring/Gasket Ensures a watertight and dust-tight seal between the panel face and the electronic internals, meeting **IP65** standards. --- ### 3. Application Use Cases This component is typically found in: * **Control Panels:** To switch between "Manual/Off/Auto" modes. * **Machine Tools:** To select different speeds or operation cycles. * **Safety Interlocks:** Ensuring a machine stays in a specific state until a human operator physically rotates the knob. --- ### 4. Circuit Wiring Example Below is a simple representation of how the 2NO contacts might be wired in a control circuit: ```mermaid graph LR L1[Line Power] --> C1[Contact 1 - NO] L1 --> C2[Contact 2 - NO] C1 --> M1[Manual Mode Relay] C2 --> M2[Auto Mode Relay] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'Maintained' and 'Spring Return' for this model?
    • ⤷ Can the contact blocks on the W2CE-1D3-R be replaced or added to?
    • ⤷ What are the specific electrical ratings for DC vs AC voltage for this switch?