データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CE-1DC-R2

  • AI
    The **W2CE-1DC-R2** is a specific model within a series of industrial-grade **Dual-Channel Isolated Signal Conditioners/Transmitters**. These components are typically used in automation and control systems to convert, isolate, and transmit electrical signals between field devices and PLCs (Programmable Logic Controllers). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Functional Overview The primary purpose of this part is **Signal Isolation**. It prevents ground loops and protects sensitive control equipment from high-voltage surges in the field. | Feature | Description | | :--- | :--- | | **Channels** | Dual Channel (Two independent inputs/outputs) | | **Input Type** | DC Voltage or DC Current (Model specific) | | **Output Type** | DC Voltage or DC Current (Model specific) | | **Power Supply** | Typically 24V DC (Indicated by the "DC" in the suffix) | | **Mounting** | DIN Rail Mounting | --- ### 2. Electronic Specifications While specific ranges depend on the exact sub-ordering code, the **R2** series generally adheres to the following electronic parameters: #### Input & Output Characteristics * **Standard Inputs:** 4–20mA, 0–20mA, 1–5V, 0–10V DC. * **Standard Outputs:** 4–20mA or 0–10V DC. * **Accuracy:** Typically $\pm$0.1% of span. * **Response Time:** $\leq$ 0.5 seconds (standard). #### Isolation & Power * **Isolation Structure:** 3-way isolation (Input to Output to Power). * **Dielectric Strength:** Usually 2000V AC for 1 minute. * **Power Consumption:** Approx. 2.0W to 3.0W depending on load. --- ### 3. Component Architecture Internally, the W2CE-1DC-R2 consists of several critical electronic stages: 1. **Input Conditioning Stage:** Uses precision resistors and op-amps to scale the incoming field signal. 2. **Modulation/Isolation Stage:** The signal is converted to a high-frequency pulse or digital signal to pass through an **Opto-isolator** or **Transformer**, providing galvanic isolation. 3. **Demodulation/Output Stage:** The isolated signal is converted back to a stable DC analog signal. 4. **DC-DC Converter:** An internal power supply module that creates isolated power rails for the input and output circuitry. --- ### 4. Application Wiring Example The following is a logic representation of the terminal connections: ```text [ FIELD SIDE ] [ DEVICE INTERNALS ] [ CONTROL SIDE ] Input Ch 1 (+) ------> [ Isolation Barrier ] ------> Output Ch 1 (+) Input Ch 1 (-) ------> [ Isolation Barrier ] ------> Output Ch 1 (-) Input Ch 2 (+) ------> [ Isolation Barrier ] ------> Output Ch 2 (+) Input Ch 2 (-) ------> [ Isolation Barrier ] ------> Output Ch 2 (-) [ POWER ] 24V DC (+) ----------- [ Internal PSU ] 0V DC (-) ----------- [ Internal PSU ] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific input and output signal ranges for the '1DC' variant?
    • ⤷ How does the 3-way isolation protect a PLC from lightning surges?
    • ⤷ What is the recommended DIN rail size for mounting this component?