データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CE-521-R2SLASHQ

  • AI
    The **W2CE-521-R2/Q** is a specific variant of an industrial-grade **Single Board Computer (SBC)** or a core module component typically used in embedded computing systems, particularly those manufactured by companies like **IEI Integration Corp**. Below is a breakdown of its electronic parts, architecture, and specifications. --- ## 1. Core Architecture The "W2CE" series generally refers to the **WAFER** form factor (3.5" drive size) or specific backplane-compatible modules. | Component | Description | | :--- | :--- | | **Form Factor** | 3.5" Single Board Computer (SBC) | | **Processor Support** | Typically supports Intel® Core™ or Celeron® Mobile processors (Socket G2 or BGA). | | **Chipset** | Often paired with Intel® QM77 or HM76 Express chipsets for high-speed I/O. | | **Memory** | DDR3/DDR3L SO-DIMM slots (usually up to 16GB). | --- ## 2. Connectivity & I/O Ports The "521-R2" designation indicates a specific revision and I/O layout designed for industrial automation. ### Networking & Data * **Ethernet:** Dual GbE (Gigabit Ethernet) controllers, usually Intel-based (e.g., Intel i210/i211). * **USB:** Support for USB 3.0 (Blue ports) and internal USB 2.0 headers. * **Storage:** SATA 6Gb/s connectors and often an mSATA slot for SSD integration. ### Display Outputs The board is designed to handle multiple independent displays: * **HDMI/VGA:** For standard monitor output. * **LVDS:** Internal header for direct connection to industrial LCD panels. --- ## 3. Specialized Industrial Components Unlike consumer motherboards, this part includes specific circuitry for harsh environments: 1. **Voltage Regulators:** High-tolerance VRMs to handle 12V DC input (common in industrial cabinets). 2. **Watchdog Timer:** A programmable timer that resets the system if the software freezes. 3. **Expansion Slots:** * **PCIe Mini Card:** For Wi-Fi, Bluetooth, or cellular modules. * **OneKey Recovery:** A dedicated header for IEI’s proprietary system backup/recovery tool. --- ## 4. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Input Voltage** | +12V DC (via 4-pin internal power connector) | | **Operating Temp** | -10°C ~ 60°C (Standard) | | **Audio** | Realtek ALC High Definition Audio codec | | **Serial Ports** | Multiple RS-232 and RS-422/485 headers | | **Digital I/O** | 8-bit digital I/O (4-bit input, 4-bit output) | --- ### Summary of Use Case This electronic assembly is primarily used in **Kiosks, Digital Signage, and Industrial Control Systems**. Its "R2" suffix signifies it is the second hardware revision, often including improved thermal management or updated electronic capacitors for longer Mean Time Between Failures (MTBF). ---
    ✨ Follow-up Questions
    • What is the specific processor compatibility for the R2 revision?
    • How do I configure the RS-422/485 jumpers on this board?
    • Does the W2CE-521 support Windows 10 or only older legacy OS?