データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CE-523-R2

  • AI
    The **W2CE-523-R2** is a specialized electronic component primarily categorized as an **SFP (Small Form-factor Pluggable) Copper Transceiver**. These devices are critical in networking hardware to bridge the gap between optical ports and standard Ethernet copper wiring. --- ### Technical Specifications The following table highlights the core technical characteristics of the W2CE-523-R2: | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Interface Type** | RJ-45 (Copper) | | **Data Rate** | 10/100/1000 Mbps (Auto-negotiation) | | **Max Distance** | 100 Meters (over Cat5/Cat5e/Cat6) | | **Supply Voltage** | 3.3V | | **Protocol Support** | IEEE 802.3ab (1000BASE-T) | | **Operating Temp** | Standard (0°C to 70°C) | --- ### Key Electronic Components The internal architecture of the W2CE-523-R2 consists of several high-performance electronic sub-systems: 1. **Physical Layer (PHY) Chip:** The "brain" of the module. This integrated circuit converts the serialized electrical signals from the host switch (SGMII/SERDES) into the complex multi-level signaling used for copper Ethernet transmission. 2. **Isolation Transformer (Magnetics):** Located near the RJ-45 port, this component provides galvanic isolation to protect the delicate circuitry from power surges and reduces electromagnetic interference (EMI). 3. **EEPROM:** A small memory chip containing the "Digital Diagnostic Monitoring" (DDM) data and manufacturer coding (Vendor ID, Serial Number), allowing the host switch to recognize the module. 4. **Power Management Unit:** Since SFP ports provide 3.3V, internal regulators ensure the PHY chip receives a stable voltage despite fluctuations in the host device's power rail. --- ### Functional Application In a typical network environment, the W2CE-523-R2 is used as follows: * **Media Conversion:** It allows a switch with SFP (fiber) slots to connect to a standard RJ-45 patch cable. * **Hot-Swapping:** The electronic interface is designed to be plugged in or removed while the host system is powered on without causing an electrical short. * **Auto-Negotiation:** The internal logic automatically senses the speed of the connected device (10, 100, or 1000 Mbps) and adjusts the electronic signaling accordingly. --- ### Compatibility Note The "-R2" suffix often denotes a specific revision or a "Reach" variant. In many cases, these parts are coded for compatibility with specific OEM brands (like Cisco, HP, or Juniper). Always verify the **EEPROM coding** matches your switch brand requirements.
    ✨ Follow-up Questions
    • ⤷ Which network switches are compatible with the W2CE-523-R2?
    • ⤷ How does the power consumption of this copper SFP compare to an optical SFP?
    • ⤷ What is the difference between the R2 revision and the original R1 version?