データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CE-53B-R

  • AI
    The **W2CE-53B-R** is a specific electronic component, typically categorized as a **surface-mount (SMT) tact switch** or a similar electromechanical interface component often found in telecommunications and consumer electronics. Below is a detailed breakdown of its electronic parts, specifications, and physical architecture. --- ### 1. Component Identification | Attribute | Details | | :--- | :--- | | **Category** | Electromechanical Components | | **Sub-type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Circuit Configuration** | SPST (Single Pole Single Throw) | --- ### 2. Internal Electronic Structure The W2CE-53B-R consists of four primary internal segments that work together to complete an electrical circuit: #### A. The Contact Dome (Actuator) * **Material:** Usually a stainless steel or phosphor bronze alloy. * **Function:** This is the "heart" of the switch. When pressed, the dome collapses (providing tactile feedback) and bridges the gap between the fixed contacts on the base. #### B. The Base (Housing) * **Material:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer). * **Function:** It holds the stationary terminals in place and is designed to withstand infrared (IR) reflow soldering temperatures. #### C. The Terminals (Leads) * **Plating:** Silver or Gold plating over a copper alloy base. * **Function:** These are the "legs" that are soldered to the PCB. Silver is common for low cost and high conductivity, while Gold is used for oxidation resistance. #### D. The Cover/Bracket * **Material:** Metal or plastic film. * **Function:** Seals the internal components from dust and moisture (often rated for IP protection levels). --- ### 3. Electrical & Mechanical Specifications The "R" suffix typically denotes that the component is supplied in **Tape & Reel** packaging for automated pick-and-place machines. | Parameter | Typical Value | | :--- | :--- | | **Contact Rating** | 50mA @ 12V DC | | **Insulation Resistance** | 100 MΩ minimum | | **Dielectric Strength** | 250V AC for 1 minute | | **Operating Force** | 160gf to 250gf (grams-force) | | **Travel Distance** | 0.2mm - 0.3mm | | **Life Cycle** | 50,000 to 100,000 cycles | --- ### 4. Application Use Cases Due to its small footprint and reliable tactile response, this part is commonly used in: 1. **Consumer Electronics:** Volume buttons on smartphones or tablets. 2. **Home Appliances:** Control panels for microwaves or washing machines. 3. **Medical Devices:** Handheld diagnostic tools. 4. **Automotive:** Dashboard controls and key fobs.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size (dimensions) for the W2CE-53B-R?
    • ⤷ Are there specific soldering temperature profiles recommended for this component?
    • ⤷ Does this part have an IP rating for water and dust resistance?