データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CE-53Y-R2/N

  • AI
    The **W2CE-53Y-R2/N** is a specialized electronic component, typically identified as a high-performance **Coaxial Switch** or **RF Relay** module, often used in telecommunications, automated test equipment (ATE), and high-frequency signal routing. --- ### 1. Technical Specifications Overview This component is designed to manage high-frequency signals with minimal loss and high isolation. | Feature | Description | | :--- | :--- | | **Component Type** | Coaxial Transfer Switch / RF Relay | | **Frequency Range** | Typically DC to 18 GHz or 26.5 GHz (model dependent) | | **Configuration** | DPDT (Double Pole Double Throw) or Transfer | | **Actuator Voltage** | 12V to 28V DC (common for this series) | | **Connector Type** | SMA Female | | **Switching Speed** | High speed (typically < 15ms) | --- ### 2. Key Electronic Characteristics #### A. Insertion Loss and VSWR To maintain signal integrity, the W2CE-53Y-R2/N is engineered for: * **Low Insertion Loss:** Minimizes the reduction in power as the signal passes through the switch. * **Low VSWR (Voltage Standing Wave Ratio):** Ensures minimal signal reflection, which is critical for sensitive RF circuits. #### B. Isolation It provides high isolation between ports (often >60dB). This ensures that signals on the "off" path do not leak into the "active" path, preventing interference and crosstalk. #### C. Actuation Mechanism The "R2" and "/N" suffixes often denote specific electrical interface characteristics: * **Failsafe or Latching:** Depending on the internal coils, it either returns to a default state when power is removed (Failsafe) or stays in its last position (Latching). * **Suppression Diodes:** Often includes internal diodes to protect the driving circuit from back-EMF spikes when the relay coil is de-energized. --- ### 3. Application Areas 1. **RF Testing:** Used in matrix switch boxes to route signals from a Device Under Test (DUT) to various measurement tools like Network Analyzers or Oscilloscopes. 2. **Satellite Communications:** Switching between redundant low-noise amplifiers (LNAs) or power amplifiers. 3. **Base Stations:** Signal routing in cellular infrastructure. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (such as Teledyne or Radiall), the code usually breaks down as follows: * **W2CE:** Series identifier (Physical size and mounting style). * **53Y:** Configuration code (Frequency rating and connector orientation). * **R2:** Actuator voltage or specific electrical interface (e.g., 28V DC). * **N/NO:** Indicator options or TTL logic compatibility.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the W2CE-53Y-R2/N model?
    • ⤷ Does this specific part number use a latching or a failsafe actuator?
    • ⤷ What are the pinout configurations for the control interface of this RF switch?