データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CE-543-R2

  • AI
    The **W2CE-543-R2** is a specific industrial-grade **Direct Current (DC) motor and gear assembly**, commonly utilized in medical equipment, precision instruments, and office automation. It is part of a series often manufactured by companies like **Nidec (formerly Copal Electronics)**. --- ### 1. Key Technical Specifications The electrical and mechanical characteristics of the W2CE-543-R2 are designed for high torque at relatively low speeds. | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushed DC Motor | | **Nominal Voltage** | 12V to 24V DC | | **Gear Ratio** | High-reduction ratio (often 1/543) | | **Rotation** | Bi-directional (CW/CCW) | | **No-load Speed** | Approx. 10–20 RPM (depending on voltage) | | **Rated Torque** | Approx. 1.0 – 2.0 kgf·cm | --- ### 2. Core Electronic Components The assembly consists of several critical sub-parts that determine its performance: #### A. The DC Motor Section * **Commutator & Brushes:** The "brushed" design uses precious metal or carbon brushes to deliver current to the rotor. * **Armature (Rotor):** Wound with copper wire; the gauge of the wire determines the resistance and current draw. * **Permanent Magnets:** High-energy magnets provide the stationary magnetic field required for rotation. #### B. The Gearbox (Reduction Unit) * **Gear Train:** A multi-stage spur gear system that reduces the high RPM of the motor to a usable, high-torque output. * **Lubrication:** Internal gears are typically pre-lubricated with synthetic grease to reduce electrical noise and physical wear. #### C. Control Interface * **Terminals:** Usually features two solder tabs or lead wires. Polarity reversal changes the direction of rotation. * **Suppression Components:** Some variants include internal capacitors (MLCCs) or varistors to suppress **Electro-Magnetic Interference (EMI)** caused by brush sparking. --- ### 3. Application Use-Cases Because of its specific gear ratio and reliability, the W2CE-543-R2 is found in: * **Medical Pumps:** Precise fluid delivery systems. * **Vending Mechanisms:** Slow, controlled movement of dispensing arms. * **Security Cameras:** Pan/Tilt mechanisms requiring high torque at slow speeds. --- ### 4. Implementation Example To control this motor using a microcontroller (like an Arduino), you must use an **H-Bridge** driver (e.g., L298N or TB6612FNG) because microcontrollers cannot provide the necessary current. ```cpp // Basic Pin Setup for H-Bridge Control const int motorPin1 = 9; // PWM Pin const int motorPin2 = 10; void setup() { pinMode(motorPin1, OUTPUT); pinMode(motorPin2, OUTPUT); } void loop() { // Move Forward at 75% speed analogWrite(motorPin1, 191); digitalWrite(motorPin2, LOW); } ```
    ✨ Follow-up Questions
    • ⤷What is the exact stall current for the W2CE-543-R2?
    • ⤷ Can this motor be used with a 5V logic controller directly?
    • ⤷ What are the common failure points in the W2CE gear motor series?