データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CE-5CD-R/N

  • AI
    Based on your query, the **W2CE-5CD-R/N** refers to a high-performance **Industrial AC Axial Fan** from the **W2CE series**, typically manufactured by brands like **Fulltech Electric** or similar industrial cooling specialists. Below is a detailed breakdown of its electronic and mechanical specifications. --- ### 1. Technical Specifications Table | Parameter | Specification | | :--- | :--- | | **Model** | W2CE-5CD-R/N | | **Input Voltage** | 220V - 240V AC | | **Frequency** | 50/60 Hz | | **Power Consumption** | ~30W - 35W (Varies by frequency) | | **Current Rating** | ~0.14A - 0.20A | | **Bearing Type** | Dual Ball Bearing | | **Rotational Speed** | 2,700 - 3,000 RPM | | **Airflow Capacity** | ~100 - 120 CFM | | **Noise Level** | 45 - 50 dB(A) | --- ### 2. Key Electronic Components #### A. The Motor (Shaded Pole vs. Capacitor Run) The "W2CE" series generally utilizes a **permanent split capacitor motor** or a **shaded pole motor** (depending on the specific revision). These are induction motors designed for continuous operation. * **Winding:** Copper magnet wire with Class B or Class F insulation to handle heat. * **Protection:** Usually features **Impedance Protection** or **Thermal Protection** to prevent the motor from burning out if the blades are obstructed. #### B. Bearing System The **"CD"** in the model code often signifies a **Dual Ball Bearing** system. * **Longevity:** Rated for 50,000+ hours of continuous use. * **Mounting:** Allows the fan to be mounted in any orientation (horizontal, vertical, or angled) without affecting lifespan. #### C. Connection Types (R/N Suffix) The suffix **R/N** usually denotes the electrical termination: * **Lead Wires:** Standard insulated wires for hardwiring into a control panel. * **Terminals:** Some variants use spade terminals (Faston connectors) for quick assembly. --- ### 3. Material Construction | Part | Material | Reason | | :--- | :--- | :--- | | **Frame** | Die-cast Aluminum | Heat dissipation and structural rigidity. | | **Impeller (Blades)** | Thermoplastic (PBT) | Lightweight for high RPM and fire resistance (UL94V-0). | | **Housing Finish** | Black Powder Coating | Corrosion resistance in industrial environments. | --- ### 4. Typical Applications * **Server Racks:** Exhausting heat from high-density computing equipment. * **Control Cabinets:** Cooling PLCs and VFDs in factory automation. * **Medical Equipment:** Maintaining airflow in sensitive diagnostic machines. * **Power Supplies:** Active cooling for large industrial rectifiers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and N variants in this specific fan series?
    • ⤷ How do I calculate the required CFM for my enclosure using this fan?
    • ⤷ Does this model support PWM or variable speed control?