データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2CE-5DA-R2

  • AI
    The **W2CE-5DA-R2** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Directional Coupler** or a specific RF (Radio Frequency) power divider/combiner module. It is frequently used in high-frequency signal processing applications. --- ### 1. Key Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like Mini-Circuits or specialized RF vendors), the general specifications for this class of component are as follows: | Feature | Description | | :--- | :--- | | **Component Type** | RF Directional Coupler / Power Splitter | | **Frequency Range** | Typically wideband (e.g., 5 MHz to 1000 MHz or higher) | | **Impedance** | 50 Ohms or 75 Ohms (standard RF matching) | | **Coupling / Loss** | Usually ~5 dB to 20 dB depending on specific sub-revision | | **Package Style** | Surface Mount Device (SMD/SMT) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Electronic Sections The internal architecture of the W2CE-5DA-R2 consists of several critical electronic elements: #### A. The Ferrite Core (Transformer) At the heart of the device are miniature ferrite binocular cores. Fine-gauge copper wire is wound through these cores to create a transformer effect. This allows the signal to be sampled (coupled) from the main line without significantly disrupting the original signal path. #### B. Impedance Matching Network To ensure signal integrity, the device includes internal resistors and specific winding ratios. This prevents **Signal Reflection (VSWR)**, ensuring that the power entering the "Input" port flows smoothly to the "Output" and "Coupled" ports. #### C. RF Shielding The "R2" suffix often denotes a specific revision or a RoHS-compliant lead-free finish. The casing is usually ceramic or a high-temperature plastic base with a metal cover to protect the delicate internal wires from Electromagnetic Interference (EMI). --- ### 3. Application Use-Cases The W2CE-5DA-R2 is used in circuits where signal monitoring or distribution is required: 1. **CATV Systems:** Distributing cable television signals across multiple outlets. 2. **Signal Monitoring:** Sampling a small portion of a high-power signal to measure its frequency or power level without stopping the main transmission. 3. **Feedback Loops:** In power amplifiers, it provides a feedback signal to the controller to maintain constant output levels. --- ### 4. Typical Connection Diagram ```text Port 1 (Input) ----[ Main Line ]----> Port 2 (Output/Through) | | (Internal Coupling) v Port 3 (Coupled/Sampled) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific insertion loss values for the W2CE-5DA-R2?
    • ⤷ Is the W2CE-5DA-R2 compatible with 75-ohm CATV systems?
    • ⤷ What are the recommended soldering profiles for this SMT component?