データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2DY-24D2-R2

  • AI
    The **W2DY-24D2-R2** is a specific electronic assembly, typically categorized as a **Terminal Relay Module** or a **Relay Interface Terminal**. These components are widely used in industrial automation to interface between low-power controllers (like PLCs) and high-power field devices. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part functions as a multi-channel relay board, usually featuring 2 independent relay channels. | Feature | Specification | | :--- | :--- | | **Component Type** | Terminal Relay / Interface Module | | **Number of Poles/Channels** | 2-Channel (DPDT equivalent per module) | | **Rated Voltage (Coil)** | 24V DC | | **Contact Rating** | Usually 5A at 250V AC / 30V DC | | **Mounting Type** | DIN Rail Mounting | | **Terminal Type** | Screw or Push-in Terminals | --- ### 2. Key Electronic Components The internal architecture consists of several critical electronic sub-parts: #### A. Electromagnetic Relays The heart of the module. When 24V DC is applied to the coil, it creates a magnetic field that pulls the mechanical contacts to switch the load circuit. * **Isolation:** Provides galvanic isolation between the control logic (PLC) and the load. #### B. Protection Diodes (Flyback Diodes) Connected in parallel with the relay coils. * **Function:** They suppress the "inductive kickback" or voltage spikes that occur when the relay coil is de-energized, protecting the upstream transistor outputs of the PLC. #### C. LED Indicators * **Status Monitoring:** Usually includes a green or red LED for each channel to visually indicate when the coil is energized and the relay is active. #### D. Input/Output Terminals * **Input Side:** Where the 24V control signal is received. * **Output Side:** Features Common (COM), Normally Open (NO), and Normally Closed (NC) contacts. --- ### 3. Application Use Cases * **Signal Amplification:** Using a low-current PLC output to drive a high-current motor starter or solenoid. * **Voltage Conversion:** Controlling a 220V AC load using a 24V DC control signal. * **System Protection:** Ensuring that a short circuit in the field device does not destroy the expensive controller. --- ### 4. Wiring Diagram (Simplified) ```text [ PLC Output +24V ] ----> [ Terminal Coil (+) ] [ PLC Common 0V ] ----> [ Terminal Coil (-) ] [ Load Power Source ] --> [ Terminal COM ] [ Load Device ] --------> [ Terminal NO ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the W2DY-24D2-R2?
    • ⤷ How does this module compare to a Solid State Relay (SSR) in terms of lifespan?
    • ⤷ What are the specific wiring precautions for inductive loads on the output side?