データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2DYS-24CD-R2

  • AI
    Based on the model number provided, the **W2DYS-24CD-R2** belongs to the **W2D series** of industrial DC-powered fans, typically manufactured by companies like **Nidec (Servo)**. These are high-performance tube-axial fans used primarily in telecommunications, server cooling, and industrial power supplies. Below is a breakdown of the electronic and technical components of this part. ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC | | **Operating Voltage Range** | 12V to 27.6V DC | | **Current Rating** | Approximately 0.25A - 0.40A (varies by specific load) | | **Bearing Type** | Dual Ball Bearing (for long life and high heat resistance) | | **Termination** | Lead Wires (usually 2 or 3 wires) | | **Frame Material** | Die-cast Aluminum (acts as a heat sink) | | **Impeller Material** | Plastic (PBT) - UL94V-0 Rated | --- ### 2. Key Electronic Components & Features #### A. Brushless DC (BLDC) Motor The core of the W2D series is a 3-phase or single-phase brushless motor. Unlike brushed motors, these use an electronic controller to switch the current to the motor windings, which: * Reduces electromagnetic interference (EMI). * Eliminates mechanical wear from brushes. * Increases efficiency and operational lifespan. #### B. Integrated Circuit (IC) Driver Inside the fan hub, an internal PCB contains a driver IC that manages: * **Soft Start:** Gradually increases the current to prevent power spikes during startup. * **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the coils from burning out. * **Reverse Polarity Protection:** A diode-based circuit that protects the electronics if the positive and negative leads are accidentally swapped. #### C. Control & Monitoring (Variable by Suffix) The **"R2"** in the suffix often denotes a specific revision or a signal output configuration: * **Red/Black Wires:** Standard Power (+/-). * **Yellow/White Wires (Optional):** Usually indicates a **Tachometer (Frequency Generator)** output or a **Locked Rotor Alarm**. This allows the host system to monitor the RPM and detect if the fan has failed. --- ### 3. Application Environment These parts are engineered for durability in harsh electronic environments: 1. **Heat Dissipation:** The aluminum frame helps dissipate heat generated by the internal motor windings. 2. **Stability:** The dual-ball bearing system allows for mounting in any orientation (horizontal, vertical, or angled) without affecting the lifespan of the motor. 3. **Low Noise:** Designed with aerodynamic blade profiles to minimize turbulence-induced noise while maintaining high static pressure. --- ### 4. Wiring Diagram (Typical) ```text Red Wire (+) : 24V DC Input Black Wire (-) : Ground (0V) White/Blue : Sensor Signal (Tachometer/Alarm - if equipped) ```
    ✨ Follow-up Questions
    • ⤷ Does the R2 suffix indicate a specific pulse-per-revolution (PPR) for the tachometer signal?
    • ⤷ What is the rated MTBF (Mean Time Between Failures) for the W2D series ball bearings?
    • ⤷ Are there specific mounting precautions for the aluminum frame of this fan?