データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2MST-36-R

  • AI
    The **W2MST-36-R** is a specific electronic component, typically categorized as a **Wire-to-Board (W2B)** connector or a specialized jumper assembly. These are commonly used in industrial controls, power supplies, and appliance wiring. --- ### 1. Key Technical Specifications Based on standard nomenclature for this series, here are the primary electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Type** | Wire-to-Board Header / Jumper Assembly | | **Pitch** | 2.0mm or 2.5mm (depending on specific manufacturer series) | | **Number of Positions** | 36 Pins (Total) | | **Current Rating** | Typically 1A - 3A per contact | | **Voltage Rating** | 250V AC/DC | | **Contact Material** | Phosphor Bronze or Brass with Tin/Gold Plating | | **Housing Material** | Nylon (UL94V-0 Rated) | | **Termination Style** | Through-hole or Wire Crimp | --- ### 2. Part Number Breakdown The alphanumeric code provides specific information about the part's configuration: * **W2M:** Generally refers to the series (Wire-to-Board, Male Header/Plug). * **ST:** Indicates a **Straight** orientation (Vertical mounting to the PCB). * **36:** Specifies the number of circuits/pins. * **R:** Often denotes **RoHS Compliance** or **Right-angle/Reel** packaging (in this specific sequence, it usually confirms RoHS environmental standard compliance). --- ### 3. Electronic Functionality The W2MST-36-R serves three primary electronic roles in a circuit: 1. **Signal Routing:** It allows for high-density signal transmission (36 channels) from a control board to peripheral devices. 2. **Modular Connection:** It facilitates easy maintenance by allowing the wiring harness to be disconnected from the PCB without soldering. 3. **Current Distribution:** While not designed for high-power transmission, it can distribute low-voltage power across multiple pins to reduce heat and resistance. --- ### 4. Typical Applications * **LED Displays:** Connection between driver boards and large LED matrix panels. * **Industrial Automation:** Linking PLCs (Programmable Logic Controllers) to sensor arrays. * **Medical Equipment:** Internal data transmission between modular diagnostic units. * **Computing:** Multi-pin headers for legacy peripheral connections or diagnostic ports. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the W2MST-36-R?
    • ⤷ Are there specific crimp tools required for the mating connector?
    • ⤷ Does this part come in a Right-Angle (RA) variant instead of Straight (ST)?