データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2MST-3A-R/N

  • AI
    The **W2MST-3A-R/N** is a specialized electronic component, typically categorized as a **Bi-directional Solid State Relay (SSR)** or a Power Controller module. These parts are frequently used in industrial automation for controlling AC loads. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The W2MST series is designed for high-reliability switching where mechanical relays would fail due to wear and tear. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Bi-directional Thyristor / Solid State Relay | | **Current Rating** | 3 Amperes | | **Voltage Range** | Typically supports 100V - 240V AC (Load side) | | **Control Voltage** | Low voltage DC (usually 5V, 12V, or 24V depending on variant) | | **Mounting Type** | PCB Mount (Through-hole) or Socket Mount | | **Circuit Type** | Zero-cross or Random turn-on (Model dependent) | --- ### 2. Key Internal Components The functionality of the W2MST-3A-R/N relies on several core electronic structures: 1. **Opto-Isolator:** Provides electrical isolation (often up to 2500V or more) between the low-power control circuit and the high-power AC load circuit. 2. **Triac/Thyristor:** The "switch" of the device. Since this is a bi-directional part, it allows current to flow in both directions of the AC cycle when triggered. 3. **Zero-Crossing Circuit:** Most models with the "R" or "N" suffix include circuitry that ensures the relay only switches when the AC voltage is at 0V. This reduces **Electromagnetic Interference (EMI)** and prevents high inrush currents. 4. **Snubber Network:** An internal RC (Resistor-Capacitor) circuit that protects the thyristor from dV/dt (voltage spikes) that could cause accidental triggering. --- ### 3. Pin Configuration & Application While exact pinouts can vary by manufacturer (often used in Fuji Electric or specialized Japanese industrial systems), the standard logic follows: * **Input Pins (Control):** Connected to a PLC, Microcontroller, or Logic Gate. * **Output Pins (Load):** Connected in series with the AC power source and the device (e.g., a solenoid, small motor, or heater). #### Common Applications: * **Solenoid Valve Control:** Rapid switching of pneumatic or hydraulic valves. * **Small Motors:** Controlling fans or actuators. * **Interface Modules:** Acting as a bridge between sensitive electronics and industrial power grids. --- ### 4. Meaning of Suffixes * **3A:** Denotes the maximum continuous current capacity (3 Amperes). * **R/N:** Often refers to the specific logic configuration (Reverse/Normal) or the specific type of mounting/protection rating used by the manufacturer.
    ✨ Follow-up Questions
    • ⤷ What is the input control voltage required for the W2MST-3A-R/N?
    • ⤷ Does this model support Zero-Cross switching for inductive loads?
    • ⤷ What are the heat dissipation requirements for running this part at its full 3A rating?