データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PA-1CB-R2SLASHQ

  • AI
    The **W2PA-1CB-R2/Q** is a high-frequency, surface-mount (SMD) RF component, specifically a **Power Splitter/Combiner**. It is commonly used in telecommunications and signal processing to manage RF signals with minimal loss. ### 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of this part: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | 2-Way 0° Power Splitter/Combiner | | **Frequency Range** | ~5 MHz to 1000 MHz (VHF/UHF bands) | | **Impedance** | 50 Ohms (nominal) | | **Insertion Loss** | < 0.8 dB (above 3 dB theoretical) | | **Isolation** | > 20 dB | | **Phase Unbalance** | < 2.0 Degrees | | **Amplitude Unbalance** | < 0.3 dB | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Core Electronic Functions The W2PA-1CB-R2/Q operates based on electromagnetic induction and transmission line theory. Its internal architecture usually consists of a **ferrite core transformer** and resistive networks. * **Splitting Mode:** An input signal is divided into two output signals of equal power and phase (0° phase shift). * **Combining Mode:** Two coherent signals are merged into a single output. It provides high isolation between the two input ports to prevent signal interference or feedback. * **Impedance Matching:** The internal circuitry ensures that the input and output ports are matched to 50 Ohms, minimizing **VSWR (Voltage Standing Wave Ratio)** and preventing signal reflections. --- ### 3. Application Areas This component is typically found in hardware where signal distribution is critical: 1. **Cable TV (CATV):** Splitting a single cable feed into two paths for different receivers. 2. **Wireless Infrastructure:** Used in base stations to distribute signals to multiple antenna arrays. 3. **Test Equipment:** Splitting a reference clock or signal for simultaneous measurement on two different instruments. 4. **VHF/UHF Receivers:** Used in the front-end stages of radio receivers to feed two different mixers. --- ### 4. Schematic Representation In a circuit diagram, the part is represented as a three-port network: ```text [ Port 1 ] (Sum/Input) | +-----+-----+ | | [ Port 2 ] [ Port 3 ] (Outputs) ```
    ✨ Follow-up Questions
    • What is the maximum power handling capacity for this specific splitter?
    • How does the 'Q' suffix in the part number affect its automotive qualification?
    • What are the recommended soldering profiles for this SMD package?