データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PA-1EB-R2/N

  • AI
    The **W2PA-1EB-R2/N** is a specialized electronic component, typically categorized as a **surface-mount power inductor** or a high-frequency filter component often used in automotive or industrial power management applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The device is designed to handle high current loads while maintaining a small physical footprint. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | Varies by sub-series (Typically in the $\mu H$ range) | | **Tolerance** | $\pm 20\%$ (Standard for power inductors) | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | | **Shielding** | Shielded construction (to minimize EMI) | --- ## 2. Key Electronic Features ### A. Magnetic Shielding The "W2PA" series usually features a magnetic resin or a ferrite shield. This is critical for preventing **Electromagnetic Interference (EMI)** from affecting nearby sensitive components on the PCB, such as microcontrollers or RF modules. ### B. High Current Saturation The internal structure is optimized for high **Saturation Current ($I_{sat}$)**. This means the inductance value remains stable even when high levels of DC current pass through the coil, preventing the core from "saturating" and losing its inductive properties. ### C. Low DC Resistance (DCR) To maximize efficiency, the component is engineered with low DCR. This minimizes power loss (heat generation) according to the formula: `P = I² * R` --- ## 3. Typical Applications This specific part number is frequently found in the following circuits: * **DC-DC Converters:** Used for energy storage in buck or boost converters. * **LED Drivers:** Provides stable current regulation for high-brightness LEDs. * **Automotive Infotainment:** Power supply filtering for dashboards and screens. * **Noise Suppression:** Acting as a low-pass filter to smooth out ripples in power lines. --- ## 4. Code Breakdown (Example Interpretation) While manufacturer codes vary, the suffix usually denotes specific packaging or environmental standards: * **R2:** Often refers to the specific Inductance value or a revision of the physical mold. * **N:** Generally signifies **RoHS Compliance** (Lead-free) or a specific tolerance rating. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W2PA-1EB-R2/N?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?