データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PA-1EE-R2/N

  • AI
    The **W2PA-1EE-R2/N** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized passive component, often associated with power management circuits. Below is a detailed breakdown of its technical aspects and characteristics. ### 1. General Specifications The part number follows a standard industry nomenclature for high-current power inductors. These are designed to store energy in a magnetic field and are critical in voltage regulation. | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Core Component | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Tolerance** | Generally ±20% | | **Core Material** | Ferrite or Metal Alloy (shielded) | | **Application** | DC-DC Converters, VRM modules, Power Supplies | --- ### 2. Key Electronic Characteristics When analyzing this part, three primary electrical parameters define its performance in a circuit: #### A. Inductance Value The "1EE" or similar designations in the suffix often denote the inductance value. For many manufacturers in this series, this indicates a specific microhenry ($\mu H$) rating designed for high-frequency switching. #### B. Current Ratings * **Isat (Saturation Current):** The current at which the inductance drops by a specified percentage (usually 30%). * **Irms (Rise Current):** The continuous DC current that causes a specific temperature rise (usually 40°C) above ambient. #### C. Shielding and EMI The "R2" and construction style typically indicate a **shielded design**. This is vital for: * Reducing Electromagnetic Interference (EMI). * Protecting sensitive nearby components from the inductor's magnetic field. * Improving efficiency in compact PCB layouts. --- ### 3. Physical Construction The part is engineered for durability and thermal stability: 1. **Terminations:** Usually tin-plated for excellent solderability. 2. **Housing:** Encapsulated in a rugged resin or molded metal powder to withstand reflow soldering temperatures (up to 260°C). 3. **Footprint:** Designed for automated pick-and-place assembly. --- ### 4. Circuit Implementation Example In a standard Buck Converter circuit, the W2PA-1EE-R2/N would be placed as follows: ```mermaid graph LR Vin(Input Voltage) --> Switch(MOSFET/Switch) Switch --> Inductor[W2PA-1EE-R2/N] Inductor --> Vout(Output Voltage) Inductor -.-> Cap(Filter Capacitor) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value in microhenries for this specific part number?
    • ⤷ Can this component be used in automotive-grade applications?
    • ⤷ What are the recommended soldering profile temperatures for the W2PA series?