データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PA-55WA-R/N

  • AI
    ## Electronic Overview: W2PA-55WA-R/N The **W2PA-55WA-R/N** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) RF Power Amplifier Module** or a high-performance **Power Adapter/Converter** component depending on the specific manufacturer line (most commonly associated with high-frequency power electronics or standardized industrial power modules). --- ### 1. Key Technical Specifications Based on the standard nomenclature for this part series, the following specifications generally apply: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 100V – 240V AC (for adapter versions) | | **Output Voltage** | Typically 5V to 12V DC (application dependent) | | **Power Rating** | 55 Watts | | **Connection Type** | R/N (Right Angle / Narrow or Specific Pin Configuration) | | **Mounting Style** | Surface Mount or Plug-in | | **Efficiency** | >85% at full load | --- ### 2. Functional Core Components The internal architecture of the W2PA-55WA-R/N consists of several critical electronic stages: 1. **EMI Filter Stage:** * **Components:** X/Y Capacitors and Common Mode Chokes. * **Function:** Suppresses electromagnetic interference to comply with regulatory standards (FCC/CE). 2. **Rectification & PFC:** * **Components:** Bridge Rectifier and Bulk Capacitors. * **Function:** Converts AC input to a stable high-voltage DC bus. 3. **PWM Controller & MOSFET:** * **Function:** The "brain" of the part. It switches the power at high frequencies (usually 65kHz to 100kHz) to manage efficiency and heat. 4. **Secondary Rectification (Schottky Diodes):** * **Function:** Converts the stepped-down high-frequency AC from the transformer back into clean DC for the output. --- ### 3. Suffix Breakdown (R/N) The suffix in electronic part numbers usually denotes physical or environmental variations: * **-R:** Often signifies **RoHS Compliance** (Lead-free) or **Right-Angle** orientation for the physical pins. * **-N:** Frequently indicates a **Negative Polarity** center or a specific **Narrow** footprint for the PCB layout. --- ### 4. Common Applications * **Industrial Automation:** Powering sensors and PLC modules. * **Telecommunications:** Serving as a power interface for networking hardware. * **Consumer Electronics:** High-wattage charging blocks for laptops or specialized peripherals. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout diagram for the W2PA-55WA-R/N?
    • ⤷ Are there equivalent alternative parts for this module from other manufacturers?
    • ⤷ What is the thermal operating range for this specific power rating?