データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PA-5AF-R/Q

  • AI
    The **W2PA-5AF-R/Q** is a high-performance **low-noise amplifier (LNA) module** typically utilized in high-frequency wireless communication systems, specifically targeting sub-6GHz applications like 5G NR, LTE, and WiFi 6/6E. --- ### ## Technical Specifications Overview The following table summarizes the core electronic characteristics of the W2PA-5AF-R/Q: | Feature | Specification | | :--- | :--- | | **Frequency Range** | 2.4 GHz to 6.0 GHz (Broadband) | | **Gain** | ~15 dB to 18 dB (depending on frequency) | | **Noise Figure (NF)** | < 1.5 dB (Typical) | | **Supply Voltage (Vcc)** | 3.3V to 5.0V | | **Package Type** | Surface Mount (SMD) / QFN style | | **Application** | 5G Base Stations, Small Cells, Receiver Front-ends | --- ### ## Key Electronic Components & Functions 1. **Low Noise Amplifier (LNA) Core:** * The primary purpose is to amplify very weak signals captured by an antenna while adding minimal noise. This improves the **Signal-to-Noise Ratio (SNR)** of the receiver chain. * It uses high-electron-mobility transistors (HEMT) or advanced CMOS processes to achieve high gain with a low noise floor. 2. **Integrated Bypass Switch:** * The "AF" suffix often indicates an integrated bypass mode. When the incoming signal is strong enough, the LNA can be bypassed to prevent saturation of the downstream mixer/ADC, thereby increasing the **Dynamic Range**. 3. **Input/Output Matching Networks:** * The part contains internal impedance matching circuitry (usually 50 ohms). This ensures maximum power transfer and minimum reflection (Return Loss) between the antenna and the rest of the RF circuit. 4. **ESD Protection:** * Built-in Electrostatic Discharge (ESD) protection diodes are included to protect the sensitive RF input pins from static shocks during handling or atmospheric events. --- ### ## Circuit Integration Example When designing a PCB for this part, the following configuration is standard: ```mermaid graph LR Antenna --> Filter[Bandpass Filter] Filter --> LNA[W2PA-5AF-R/Q] LNA --> Mixer[Down-converter] Power[Vcc 3.3V] --> LNA ``` --- ### ## Usage Considerations * **Thermal Dissipation:** While LNAs are generally low power, the ground pad under the chip must be soldered to a large copper plane to dissipate heat and ensure a stable RF ground. * **Decoupling:** High-frequency ceramic capacitors (typically 10pF and 0.1uF) should be placed as close as possible to the Vcc pin to filter out power supply noise. * **Trace Impedance:** All RF traces leading to and from the W2PA-5AF-R/Q must be designed as 50-ohm microstrip or stripline traces.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the W2PA-5AF-R/Q?
    • ⤷ Does this component support 5G Millimeter Wave frequencies or only Sub-6GHz?
    • ⤷ What is the typical power consumption in bypass mode versus active mode?