データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PA-5CC-R/CE

  • AI
    The **W2PA-5CC-R/CE** is a specialized electronic component, specifically a **Power Distribution Module** or a **Multi-Tap Power Terminal Block**. These components are frequently used in industrial automation, control panels, and electrical distribution systems to simplify the wiring of DC power supplies. --- ### 1. General Specifications This device acts as a centralized "bus" where one power input can be distributed to multiple output channels. | Feature | Specification (Typical) | | :--- | :--- | | **Model Series** | W2PA Series | | **Circuit Type** | 1 Input $\rightarrow$ Multiple Outputs (Common Bus) | | **Max Voltage** | Usually 30V DC / 125V AC (depending on specific rating) | | **Max Current** | 10A to 20A total (Terminal dependent) | | **Connection Type** | Screw or Push-in Terminals | | **Mounting** | DIN Rail (35mm) | --- ### 2. Key Electronic Parts & Design The internal architecture of the W2PA-5CC-R/CE consists of several critical elements: #### A. The Busbar (Internal Conductors) The core of the unit is a high-conductivity copper busbar. In the "CC" configuration (Common-Common), the terminals are internally shorted. This allows a single positive (+) or negative (-) wire to be jumped across all output ports without manual jumper wires. #### B. Terminal Blocks * **Input Section:** Larger gauge terminals designed to handle the total sum of the current. * **Output Section:** Multiple smaller terminals for distributing power to sensors, PLCs, or actuators. * **Plating:** Usually tin or nickel-plated to prevent oxidation and ensure low contact resistance. #### C. Reverse Polarity Protection (The "R" Suffix) The "R" in the part number often indicates a specific orientation or the inclusion of a protection diode/circuit. This ensures that if the input power is wired incorrectly, the downstream electronic components are protected from damage. #### D. Housing (CE Certification) The "CE" mark indicates the part meets European safety, health, and environmental protection requirements. The housing is made of **Polyamide (PA66)**, which is flame-retardant and provides electrical insulation between the DIN rail and the live circuits. --- ### 3. Application Use-Case In a standard control cabinet, you might have a 24V DC Power Supply. Instead of jamming 10 wires into the power supply terminal, you: 1. Connect the Power Supply output to the **W2PA-5CC-R/CE** input. 2. Connect your 10 individual sensors to the 10 output ports on the W2PA module. 3. This results in a cleaner, more maintainable, and safer wiring layout. --- ### 4. Technical Drawing Concept ```text [ Power In (+) ] ----+---- [ Out 1 ] |---- [ Out 2 ] |---- [ Out 3 ] |---- [ Out 4 ] +---- [ Out 5 ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per individual terminal for this module?
    • ⤷ Does this model support both AC and DC current distribution?
    • ⤷ How does the 'CC' configuration differ from a standard terminal block?