データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PA-5CF-R2/CE

  • AI
    The **W2PA-5CF-R2/CE** is an industrial-grade **Wi-Fi 6 (802.11ax) and Bluetooth 5.2 combo module**. It is designed for high-performance wireless connectivity in embedded systems, specifically targeting the IoT, automotive, and industrial sectors. --- ### ## Technical Specifications Below is a breakdown of the core electronic specifications for this module: | Feature | Specification | | :--- | :--- | | **Standard** | IEEE 802.11ax (Wi-Fi 6) & Bluetooth 5.2 | | **Chipset** | Typically based on NXP CW641 or similar high-end SoC | | **Interface** | PCIe (Wi-Fi) and UART/PCM (Bluetooth) | | **Frequency Bands** | 2.4 GHz, 5 GHz (Dual Band) | | **Form Factor** | M.2 (NGFF) or Solder-down LGA (depending on carrier) | | **Data Rate** | Up to 1200 Mbps (MCS11, 2x2 MIMO) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### ## Key Electronic Components & Architecture #### 1. Radio Frequency (RF) Front End The module integrates advanced RF filters and Low Noise Amplifiers (LNAs) to manage signal integrity in crowded environments. It supports **2x2 MIMO (Multiple Input, Multiple Output)**, which uses two antennas to transmit and receive data simultaneously, significantly increasing throughput. #### 2. Power Management Unit (PMU) Because it is an industrial module, it features an integrated PMU designed for efficiency. It supports various power-saving modes (like Target Wake Time - TWT) which allows the device to stay "asleep" and wake up only when data transmission is necessary, reducing battery consumption in remote sensors. #### 3. Security Engine The module includes hardware-accelerated encryption. It supports: * **WPA3:** The latest security protocol for Wi-Fi. * **AES/TKIP/WEP:** Legacy encryption support. * **Secure Boot:** Ensures only signed firmware can run on the module. --- ### ## Implementation Details To integrate the W2PA-5CF-R2/CE into a hardware design, the following pins/interfaces are critical: ```yaml Interfaces: - PCIe Gen 2.0: High-speed data path for Wi-Fi 6 traffic. - UART: Control interface and data path for Bluetooth. - PCM/I2S: Digital audio interface for Bluetooth voice/audio applications. - GPIOs: Used for WLAN/BT coexistence signaling and wake-up pins. - Antenna Connectors: Usually MHF4 or U.FL connectors for external antennas. ``` --- ### ## Applications * **Industrial Gateways:** Handling high-density sensor data. * **Automotive Infotainment:** Providing stable Wi-Fi 6 hotspots inside vehicles. * **Medical Equipment:** High-reliability data transfer for imaging or monitoring. * **Smart Grid:** Long-range, secure connectivity for utility infrastructure.
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements (voltage/current) for this module?
    • ⤷ Does this module support Wi-Fi 6E (6GHz band) or only 2.4/5GHz?
    • ⤷ Which Linux kernel version is required for the official drivers?