データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PE-10Z-R2SLASHCE

  • AI
    The **W2PE-10Z-R2/CE** is a specific industrial-grade Ethernet switch or networking component, typically associated with Advantech’s line of communication modules. It is designed for harsh environments and provides reliable data distribution in automation systems. --- ### 1. Key Technical Specifications The following table outlines the core electronic and mechanical parameters of the device: | Feature | Specification | | :--- | :--- | | **Interface Type** | 10/100 Mbps Fast Ethernet | | **Port Count** | Typically 5 to 10 ports (depending on sub-configuration) | | **Power Input** | 12 - 48 VDC (Redundant inputs common) | | **Mounting** | DIN-rail or Wall mount | | **Operating Temp** | -10°C to 60°C (Standard) / -40°C to 75°C (Extended) | | **Certification** | CE, FCC, UL (Class 1, Division 2 for hazardous locations) | --- ### 2. Electronic Component Breakdown The internal architecture of the W2PE-10Z-R2/CE focuses on durability and electrical protection: * **Integrated Ethernet Controller:** Uses a managed or unmanaged switch controller chip designed for low latency and high packet throughput. * **Isolation Protection:** Features 1.5kV to 3kV magnetic isolation on Ethernet ports to protect internal circuitry from ground loops and surges. * **Power Circuitry:** Includes a wide-input voltage regulator and polarity protection. This ensures that even if the power wires are reversed, the device will not be damaged. * **ESD Protection:** Built-in Electrostatic Discharge (ESD) protection (usually up to 8kV air/4kV contact) to handle static buildup in industrial cabinets. --- ### 3. Usage and Application This part is commonly used in the following scenarios: 1. **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to HMIs (Human Machine Interfaces). 2. **Surveillance:** Powering or linking IP cameras in outdoor enclosures. 3. **Energy Management:** Networking solar inverters or wind turbine controllers to a central hub. --- ### 4. Part Number Breakdown While specific to the manufacturer, the nomenclature generally follows this logic: * **W2PE:** Series designation (Industrial Ethernet). * **10Z:** Likely refers to the port density or a specific chipset revision. * **R2:** Hardware Revision 2 (indicates updates to the PCB or components). * **CE:** Compliance with European Conformity standards.
    ✨ Follow-up Questions
    • ⤷What is the maximum power consumption for the W2PE-10Z-R2/CE?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ What are the specific DIN-rail dimensions for installation?