データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PE-11Z-R2

  • AI
    The **W2PE-11Z-R2** is a specialized electronic component, typically categorized as a **terminal block interface module** or a **relay terminal unit**. It is commonly used in industrial automation to bridge the gap between programmable logic controllers (PLCs) and field devices. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Relay Terminal / Interface Module | | **Number of Points** | 1 output (Single Point) | | **Rated Voltage** | Typically 24V DC (Coil side) | | **Contact Arrangement** | 1 Form C (SPDT - Single Pole Double Throw) | | **Mounting Type** | DIN Rail Mounting | | **Connection Method** | Screw terminals or Spring-clamp (model dependent) | --- ### 2. Core Electronic Components The internal architecture of the W2PE-11Z-R2 consists of several critical parts: #### A. Electromagnetic Relay The heart of the module is a mechanical relay. When the input signal (from a PLC) energizes the internal coil, it creates a magnetic field that moves a physical contact to open or close a high-power circuit. #### B. Flyback Diode (Freewheeling Diode) To protect the driving electronics (like a PLC transistor output), a diode is placed in parallel with the relay coil. This prevents voltage spikes (inductive kickback) when the coil is de-energized. #### C. LED Status Indicator Most "-R2" revision modules include an integrated LED. This provides visual feedback to technicians, indicating whether the specific channel is currently active. #### D. Isolation Barrier The module provides galvanic isolation between the low-power control logic and the high-power load, protecting sensitive microprocessor components from electrical noise and surges. --- ### 3. Application Use Cases * **Signal Amplification:** Using a low-current PLC signal to switch a high-current motor or solenoid. * **Voltage Level Conversion:** Converting a 24V DC control signal to switch a 120V/240V AC load. * **Wiring Efficiency:** Simplifying the wiring in a control cabinet by providing organized terminal points for field sensors and actuators.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the contacts on the W2PE-11Z-R2?
    • ⤷ How does the 'R2' revision differ from previous versions of this module?
    • ⤷ Can this module be used for high-speed switching applications?