データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PE-12A-R2

  • AI
    ## W2PE-12A-R2 Technical Overview The **W2PE-12A-R2** is a specialized high-current electronic connector component, primarily used in automotive and industrial power distribution systems. It is part of a series designed for heavy-duty environments requiring secure, weather-resistant connections. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | W2PE-12A-R2 | | **Connector Type** | Wedge Lock / Connector Accessory | | **Number of Positions** | 12 | | **Orientation** | R-Key (Right/Special Coding) | | **Material** | Thermoplastic (High Temp) | | **Color** | Green (Standard for R-Key coding) | | **Mounting Type** | Free Hanging (In-Line) or Panel Mount | --- ### 2. Functional Components The "W2PE" designation typically refers to a **Wedge Lock**, which is a critical sub-component of a larger connector housing assembly. Its functions include: * **Secondary Locking Mechanism:** Once the electrical terminals (pins/sockets) are crimped and inserted into the connector housing, the wedge lock is snapped into place. This ensures that terminals cannot be pushed out (back-out) during vibration. * **Terminal Alignment:** It ensures that the male and female terminals are perfectly aligned to prevent "stubbing" or damage during mating. * **Environmental Sealing Support:** In many designs, the wedge lock helps compress internal seals to maintain an IP (Ingress Protection) rating against water and dust. --- ### 3. Electrical & Mechanical Properties * **Vibration Resistance:** Designed to withstand high-frequency vibrations found in engine compartments. * **Keying System:** The **"R2"** suffix denotes a specific mechanical keying. This prevents "mismating"—meaning you cannot plug this 12-pin connector into a different 12-pin socket that has a different keying pattern (e.g., A-Key or B-Key). * **Thermal Stability:** Typically rated for temperatures ranging from **-55°C to +125°C**, making it suitable for automotive under-the-hood applications. --- ### 4. Typical Applications 1. **Automotive ECU Interfacing:** Connecting wiring harnesses to Electronic Control Units. 2. **Industrial Machinery:** Power distribution in heavy equipment (tractors, excavators). 3. **Marine Electronics:** Used in bridge controls due to its corrosion-resistant housing.
    ✨ Follow-up Questions
    • ⤷ What are the compatible crimp terminals for the W2PE-12A-R2?
    • ⤷ How does the R2 keying differ from the standard A or B keying?
    • ⤷ Is a specific extraction tool required to remove this wedge lock?