データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PE-1GC-R2

  • AI
    The **W2PE-1GC-R2** is a specialized electronic component, typically identified as a **Gigabit Ethernet (GbE) over PCIe Mini Card**. These modules are commonly used in industrial computing, embedded systems, and networking appliances to add high-speed wired connectivity via an internal expansion slot. --- ### 1. Key Technical Specifications Below are the primary technical characteristics of the W2PE-1GC-R2 module: | Feature | Specification | | :--- | :--- | | **Interface Type** | PCI Express (PCIe) Mini Card (Full-size) | | **Controller** | Intel® I210-IT (Industrial Grade) | | **Ethernet Speed** | 10/100/1000 Mbps (Gigabit) | | **Port Count** | Single Port (1x RJ45) | | **Operating Temp** | -40°C to +85°C (Industrial Range) | | **Voltage** | 3.3V (Standard PCIe Mini Card power) | --- ### 2. Core Electronic Components The module is composed of several critical sub-systems: #### A. The Ethernet Controller (Intel I210-IT) The "brain" of the card. It handles the Medium Access Control (MAC) and Physical Layer (PHY) functions. The **IT** suffix signifies the industrial temperature variant, ensuring stability in extreme environments. #### B. Isolation Transformer (Magnetics) Usually located near the RJ45 connector, this component provides galvanic isolation. It protects the delicate PCIe circuitry from voltage spikes or surges on the Ethernet cable and filters out electromagnetic interference (EMI). #### C. Power Management (LDO/Buck Regulators) The card converts the 3.3V supplied by the PCIe Mini slot into lower voltages (such as 1.0V or 1.9V) required by the Intel controller's core. #### D. Flash Memory (EEPROM/SPI) A small non-volatile memory chip stores the **MAC address**, configuration parameters, and firmware for the Intel controller. --- ### 3. Mechanical and Signal Layout Since this is a Mini PCIe form factor, the pinout follows the standard PCIe electromechanical specification: * **Top Side:** Contains the Intel controller, crystal oscillator (usually 25MHz), and power regulators. * **External Connection:** Features a header or a direct RJ45 jack. In the "R2" (Revision 2) versions, manufacturers often improve the signal integrity or the robustness of the physical connector. --- ### 4. Common Applications * **Industrial PCs (IPC):** Adding a second or third LAN port for redundant networking. * **Firewalls/Gateways:** Serving as a dedicated WAN or LAN interface. * **Digital Signage:** Providing stable wired internet where Wi-Fi is unreliable.
    ✨ Follow-up Questions
    • ⤷ Does the W2PE-1GC-R2 support Wake-on-LAN (WoL) functionality?
    • ⤷ What is the difference between the R1 and R2 revisions of this module?
    • ⤷ Can this card be used in a half-size Mini PCIe slot with an adapter?