データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PE-1ZD-R/N

  • AI
    The **W2PE-1ZD-R/N** is a specialized electronic component, typically categorized as a high-frequency power splitter/combiner or a specific surface-mount RF transformer, often produced by manufacturers like Mini-Circuits or similar RF component specialists. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for precision signal processing in RF (Radio Frequency) circuits. | Feature | Description | | :--- | :--- | | **Component Type** | 2-Way 0° Power Splitter / Combiner | | **Frequency Range** | Typically 5 MHz to 2500 MHz (Broadband) | | **Impedance** | 50 Ohms (Standard) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Configuration** | 1-Input to 2-Outputs (or vice versa) | --- ### 2. Key Electrical Parameters The performance of the W2PE-1ZD-R/N is defined by how efficiently it splits a signal without introducing noise or loss. * **Insertion Loss:** Measures the power lost during transmission. For this series, it is usually low (approx. 0.5 to 1.5 dB above the theoretical 3dB split). * **Isolation:** The ability to keep the two output ports from interfering with each other. High isolation (typically >20 dB) is critical for circuit stability. * **Phase Unbalance:** The difference in phase between the two output signals. This part aims for near 0° difference. * **Amplitude Unbalance:** The difference in power levels between the two output ports, usually kept within ±0.3 dB. --- ### 3. Pin Configuration and Internal Logic While physical layouts vary by package, the internal logic follows a standard **Wilkinson** or **Transformer-based** topology: ```mermaid graph LR Input((Port 1)) --> Node{Matching Network} Node --> Output1((Port 2)) Node --> Output2((Port 3)) Output1 --- Resistor --- Output2 ``` --- ### 4. Common Applications * **Telecommunications:** Used in cellular base stations to split signals for diversity antennas. * **CATV/Broadband:** Distributing cable signals across multiple receiver paths. * **Instrumentation:** Signal routing in lab-grade testing equipment. * **Radar Systems:** Splitting local oscillator signals to multiple mixers. --- ### 5. Part Number Suffix Decoding * **-R:** Generally indicates **RoHS Compliance** (Lead-free). * **-N:** Often refers to specific **Packaging** (e.g., Tape and Reel) or a specialized **Connector/Plating** type depending on the specific manufacturer datasheet. ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum power handling capabilities of the W2PE-1ZD-R/N?
    • ⤷ Can this component be used as a power combiner instead of a splitter?
    • ⤷ What are the recommended soldering temperature profiles for this SMD part?