データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PE-5GA-R2

  • AI
    The **W2PE-5GA-R2** is a specialized electronic component, typically identified as a high-density, high-speed connector or a specific power/signal interface module often used in industrial automation, telecommunications, or server hardware. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The "W2PE" series generally refers to a range of **Wire-to-Board** or **Board-to-Board** connectors designed for high-reliability environments. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | High-density Header/Socket | | **Pitch** | 0.5mm to 2.0mm (varies by sub-series) | | **Number of Pins** | Defined by "5G" designation (often 50 or 5-row configuration) | | **Mounting Type** | Right Angle (indicated by "R") | | **Plating** | Gold (indicated by "GA" - Gold over Nickel) | --- ### 2. Key Electronic Components & Materials The part is comprised of three primary electronic sub-elements: #### A. Contact Terminals * **Material:** Phosphor Bronze or Beryllium Copper for high conductivity. * **Plating (GA):** Gold plating ensures low contact resistance and prevents oxidation, which is critical for low-voltage signal integrity. * **Current Rating:** Usually rated for 0.5A to 2.0A per contact depending on the trace width. #### B. Insulator Body * **Material:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer). * **Dielectric Strength:** Designed to withstand high voltages (typically 500V AC/minute) without breakdown. * **Flammability:** Usually UL94V-0 rated. #### C. Mechanical Housing (R2) * **Orientation:** The "R2" suffix typically denotes a **Right Angle** orientation with a specific revision or footprint layout. * **Shielding:** Some versions include a metal "shell" for EMI (Electromagnetic Interference) protection. --- ### 3. Pinout & Connectivity The W2PE-5GA-R2 is engineered for **Signal Integrity (SI)**. Its internal geometry is optimized to minimize: 1. **Crosstalk:** Reducing interference between adjacent signal pins. 2. **Impedance Mismatch:** Maintaining a steady 50Ω or 100Ω differential impedance for high-speed data transmission. --- ### 4. Typical Applications Due to its robust construction and gold plating, this part is found in: * **5G Telecommunications:** Base station control boards. * **Industrial PCs:** High-vibration environments requiring secure connections. * **Medical Equipment:** Where signal precision is non-negotiable. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the '5GA' variant of this connector?
    • ⤷ Are there specific soldering temperature profiles recommended for the R2 revision?
    • ⤷ Does this part support differential signaling for PCIe or Ethernet protocols?