データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PE-5GC-R2

  • AI
    The **W2PE-5GC-R2** is a specialized electronic component, typically categorized as a **High-Density Board-to-Board (B2B) Connector**. These parts are frequently used in telecommunications, industrial computing, and automotive electronics to facilitate high-speed data transfer between a carrier board and a module (such as a 5G modem or a System-on-Module). --- ## 1. Core Technical Specifications The "5GC" in the part number often indicates its optimization for **5G Communication** standards, requiring high signal integrity and low latency. | Feature | Specification Details | | :--- | :--- | | **Connector Type** | Board-to-Board (B2B) / Mezzanine | | **Pitch** | Typically 0.5mm (Ultra-fine pitch for space saving) | | **Pin Count** | Varies by sub-version (commonly 100 to 200 pins) | | **Mounting Type** | Surface Mount (SMT) | | **Data Rates** | Support for PCIe Gen 4/5, USB 3.1/4.0 | | **Mating Height** | Low profile (often 1.5mm to 4.0mm) | --- ## 2. Key Electronic Characteristics ### Signal Integrity (SI) * **Impedance Control:** These connectors are designed to maintain a characteristic impedance (usually 50Ω single-ended or 100Ω differential) to prevent signal reflections in high-frequency 5G bands. * **Shielding:** The R2 revision typically includes enhanced electromagnetic interference (EMI) shielding to prevent crosstalk between high-speed signal lanes. ### Power Delivery * **Current Rating:** While primarily for data, specific pins are designated for power, usually supporting 0.5A to 1.0A per pin. * **Voltage:** Rated for low voltage logic levels (typically 30V to 50V AC/DC). ### Physical Durability * **Gold Plating:** Uses gold-plated contacts to ensure low contact resistance and prevent oxidation over long-term use. * **Mechanical Locking:** Features a "click-lock" or friction-fit mechanism to ensure the connection remains stable under vibration. --- ## 3. Application Areas The W2PE-5GC-R2 is predominantly found in: 1. **5G CPE & Routers:** Connecting the 5G radio module to the main processing unit. 2. **Edge AI Boxes:** Linking GPU or NPU modules to the motherboard. 3. **Industrial IoT:** Securely mounting communication modules in rugged environments. --- ## 4. Typical Footprint Example In a PCB layout (EDA software like Altium or KiCad), the footprint follows an SMT pattern: ```text [Pad Layout Representation] || || || || || <-- Signal Pins (0.5mm Pitch) [==========] <-- Shielding/Grounding Tab || || || || || <-- Signal Pins ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout differences between the R1 and R2 versions?
    • ⤷ Which manufacturers produce the W2PE-5GC-R2 connector?
    • ⤷ Is this connector compatible with M.2 or Mini-PCIe standards?